Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8307-EB Datasheet(PDF) 12 Page - Analog Devices

Part # AD8307-EB
Description  Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8307-EB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8307-EB Datasheet HTML 8Page - Analog Devices AD8307-EB Datasheet HTML 9Page - Analog Devices AD8307-EB Datasheet HTML 10Page - Analog Devices AD8307-EB Datasheet HTML 11Page - Analog Devices AD8307-EB Datasheet HTML 12Page - Analog Devices AD8307-EB Datasheet HTML 13Page - Analog Devices AD8307-EB Datasheet HTML 14Page - Analog Devices AD8307-EB Datasheet HTML 15Page - Analog Devices AD8307-EB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8307
–12–
REV. A
In most applications, the signal will be single-sided, and may be
applied to either Pin 1 or Pin 8, with the other pin ac-coupled to
ground. Under these conditions, the largest input signal that can
be handled by the AD8307 is +10 dBm (sine amplitude of
±1V)
when operating from a 3 V supply; a +16 dBm may be handled
using a 5 V supply. The full 16 dBm may be achieved for sup-
plies down to 2.7 V, using a fully balanced drive. For frequencies
above about 10 MHz, this is most easily achieved using a matching
network (see below). Using such a network, having an inductor
at the input, the input transient noted above is eliminated. Occa-
sionally, it may be desirable to use the dc-coupled potential of
the AD8307. The main challenge here is to present signals to
the log amp at the elevated common-mode input level, requiring
the use of low noise, low offset buffer amplifiers. Using dual
supplies of
±3 V, the input pins may operate at ground potential.
Offset Interface
The input-referred dc offsets in the signal path are nulled via the
interface associated with Pin 3, shown in Figure 28. Q1 and Q2
are the first stage input transistors, with their corresponding
load resistors (125
Ω). Q3 and Q4 generate small currents,
which can introduce a dc offset into the signal path. When the
voltage on OFS is at about 1.5 V, these currents are equal, and
nominally 16
µA. When OFS is taken to ground, Q4 is off and
the effect of the current in Q3 is to generate an offset voltage of
16
µA × 125 Ω = 2 mV. Since the first stage gain is ×5, this is
equivalent to a input offset (INP to INM) of 400
µV. When
OFS is taken to its most positive value, the input-referred offset
is reversed, to –400
µV. If true dc-coupling is needed, down to
very small inputs, this automatic loop must be disabled, and the
residual offset eliminated using a manual adjustment, as explained
in the next section.
In normal operation, however, using an ac-coupled input signal,
the OFS pin should be left open. Any residual input-offset volt-
age is then automatically nulled by the action of the feedback
loop. The gm cell, which is gated off when the chip is disabled,
converts any output offset (sensed at a point near the end of the
cascade of amplifiers) to a current. This is integrated by the on-
chip capacitor CHP, plus any added external capacitance COFS,
so as to generate an error voltage, which is applied back to the
input stage in the polarity needed to null the output offset. From
a small-signal perspective, this feedback alters the response of
the amplifier, which, rather than behaving as a fully dc-coupled
system, now exhibits a zero in its ac transfer function, resulting
in a closed-loop high-pass corner at about 700 kHz.
48k
125
MAIN GAIN
STAGES
Q2
Q1
Q3
16 A AT
BALANCE
Q4
gm
S
AVERAGE
ERROR
CURRENT
OFS
TO LAST
DETECTOR
COFS
CHP
COM
VPS
36k
INPUT
STAGE
BIAS,
1.2V
Figure 28. Offset Interface and Offset-Nulling Path
The offset feedback is limited to a range
±400 µV; signals larger
than this override the offset control loop, which only impacts
performance for very small inputs. An external capacitor re-
duces the high pass corner to arbitrarily low frequencies; using
1
µF this corner is below 10 Hz. All ADI log amps use an offset-
nulling loop; the AD8307 differs in using this single-sided form.
Output Interface
The outputs from the nine detectors are differential currents,
having an average value that is dependent on the signal input
level, plus a fluctuation at twice the input frequency. The cur-
rents are summed at nodes LGP and LGN in Figure 29. Fur-
ther currents are added at these nodes, to position the intercept,
by slightly raising the output for zero input, and to provide
temperature compensation. Since the AD8307 is not laser-
trimmed, there is a small uncertainty in both the log slope and
the log intercept. These scaling parameters may be adjusted (see
below).
For zero-signal conditions, all the detector output currents are
equal. For a finite input, of either polarity, their difference is
converted by the output interface to a single-sided unipolar
current nominally scaled 2
µA/dB (40 µA/decade), at the output
pin OUT. An on-chip 12.5 k
Ω resistor, R1, converts this cur-
rent to a voltage of 25 mV/dB. C1 and C2 are effectively in
shunt with R1 and form a low-pass filter pole, with a corner
frequency of about 5 MHz. The pulse response settles to within
1% of the final value within 300 ns. This integral low-pass filter
provides adequate smoothing in many IF applications. At
10.7 MHz, the 2f ripple is 12.5 mV in amplitude, equivalent to
±0.5 dB, and only 0.5 mV (±0.02 dB) at f = 50 MHz. A filter
capacitor CFLT added from OUT to ground will lower this cor-
ner frequency. Using 1
µF, the ripple is maintained to less than
±0.5 dB down to input frequencies of 100 Hz. Note that C
OFS
(above) should also be increased in low frequency applications,
and will typically be made equal to CFLT.
It may be desirable to increase the speed of the output response,
with the penalty of increased ripple. One way to do this is sim-
ply by connecting a shunt load resistor from OUT to ground,
which raises the low pass corner frequency. This also alters the
logarithmic slope, for example to 7.5 mV/dB using a 5.36 k
Ω
resistor, while reducing the 10%-90% rise time to 25 ns. The
ripple amplitude for 50 MHz input remains 0.5 mV, but this is
now equivalent to
±0.07 dB. If a negative supply is available,
the output pin may be connected directly to the summing
node of an external op amp connected as an inverting-mode
transresistance stage.
1.25k
25mV/dB
OUT
2 A/dB
0-220 A
INT
FROM ALL
DETECTORS
CFLT
C2
1pF
VPS
BIAS
1.25k
400mV
8.25k
60k
60 A
COM
R1
12.5k
C1
2.5pF
3pF
LGP
LGM
1.25k
1.25k
Figure 29. Simplified Output Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com