Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4118NH5 Datasheet(PDF) 2 Page - ebm-papst

Part # 4118NH5
Description  DC axial compact fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

4118NH5 Datasheet(HTML) 2 Page - ebm-papst

  4118NH5 Datasheet HTML 1Page - ebm-papst 4118NH5 Datasheet HTML 2Page - ebm-papst 4118NH5 Datasheet HTML 3Page - ebm-papst 4118NH5 Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC axial compact fan
4118 NH5
Technical features
Mass
0.390 kg
Dimensions
119 x 119 x 38 mm
Material of impeller
Fiberglass-reinforced PA plastic
Housing material
Aluminum with grounding lug for screw M4 x 8 (TORX).
Direction of air flow
Inlet over bars
Direction of rotation
Clockwise, looking at rotor
Bearing
Ball bearings
Lifetime L10 at 40 °C
62500 h
Lifetime L10 at maximum
temperature
35000 h
Connection line
Single strands AWG 22, UL 1007, TR 64, bared and tin-plated.
Motor protection
Protected against reverse polarity and locking.
Approval
VDE, CSA, UL
Web data sheet XI · Page 2 / 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Str. 1 · D-78112 St. Georgen · Phone +49 (0) 7724 81-0 · Fax +49 (0) 7724 81-1309 · info2@de.ebmpapst.com ·
www.ebmpapst.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com