Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLB300YTP Datasheet(PDF) 1 Page - Visual Communications Company

Part # CLB300YTP
Description  5MM ROUND LOW PROFILE FRESNEL LENS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CLB300YTP Datasheet(HTML) 1 Page - Visual Communications Company

  CLB300YTP Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSEMBLY: Insert lens through panel hole, (for thin panels less than .188 [4.75mm] thick, slide
VARIOUS
chamfered.
5-91
Panel thickness .031 [.8 mm] to .250 [6.35mm]. Panel hole should be deburred, but not
MATERIAL: Polycarbonate, UL 94-V2
1.
JS
.05] panel hole on .375 [9.5mm] centers.
3.
6.35mm
.002 [
.250
MOUNTING: Mounts in a
NOTES:
UL 94-V2
2
SEE NOTES
SPC 125 spacer on back of lens), and insert LED into lens.
2.
U.S. & Foreign Pat. Issued & Pend.
4.
SPACER
(ORDER SEPARATELY)
SMU
4-23-10
REVISED PER ECR111009AZ01
001
AZ
9-16-09
REMOVE RNG 268, ADD UL RATING TO MATERIAL
3
JG
1-6-09
POLYCARBONATE,
ADD GLO SERIES
GLO Series- Polycarbonate & Acrylic blend
REVISIONS
ECN#
REV.
DESCRIPTION
DATE
INITIALS
1
LENS COLOR
RTP
RED TRANSPARENT
ATP
AMBER TRANSPARENT
GTP
GREEN TRANSPARENT
BTP
BLUE TRANSPARENT
YTP
YELLOW TRANSPARENT
CTP
CLEAR TRANSPARENT
GLO
WHITE TRANSLUCENT
7.11mm
.280
1.79mm
.070
.270
6.86mm
.430
10.92mm
.250
6.35mm
4-23-10
CLB 300 XXX
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
4-23-10
SMU
DZ
PROFILE FRESNEL LENS
VISUAL COMMUNICATIONS COMPANY, INC. ANY
BREAK ALL CORNERS AND SHARP
PROHIBITED.
DRAWN:
CHECKED:
TITLE:
B
DWG. NO.
SCALE: 1:1
REV
DO NOT SCALE DRAWING
SIZE
MATERIAL
PROPRIETARY AND CONFIDENTIAL
THIRD ANGLE PROJECTION
THE INFORMATION CONTAINED IN THIS
VISUAL COMMUNICATIONS COMPANY, INC IS
Phone (760) 560-1300 Fax (760) 560-1301 email vccsales@vcclite.com
DATE
FINISH
VISUAL COMMUNICATIONS COMPANY, INC.
190 Bosstick Boulevard, Suite101 San Marcos, CA 92069 USA
APPROVAL
DRAWING IS THE SOLE PROPERTY OF
EDGES .030 MAX
WITHOUT THE WRITTEN PERMISSION OF
REPRODUCTION IN PART OR AS A WHOLE
SHEET 1 OF 1
1
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES:
ANGLES
DECIMALS
1'
. X
.020
.XX
.010
FINISH
.XXX
.005
5MM ROUND LOW
001
SPC 125
MODEL
ORDERING CODE :
CLB 300 XXX
LED
LENS
ASSEMBLY
SPC 125 SPACER
DISPLAY
PANEL


Similar Part No. - CLB300YTP

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CLB300YTP VCC-CLB300YTP Datasheet
82Kb / 1P
PROFILE FRESNEL LENS 5MM ROUND LOW
More results

Similar Description - CLB300YTP

ManufacturerPart #DatasheetDescription
logo
Telecommunication Elec...
CMC321RTP TELTRON-CMC321RTP Datasheet
76Kb / 1P
5MM ROUND FRESNEL LOW PROFILE LENS
logo
Visual Communications C...
CMC321RTP VCC-CMC321RTP Datasheet
76Kb / 1P
5MM ROUND FRESNEL LOW PROFILE LENS
CML325CTP VCC-CML325CTP Datasheet
77Kb / 1P
5MM ROUND FRESNEL LOW PROFILE LENS
CMS322RTP VCC-CMS322RTP Datasheet
74Kb / 1P
5MM ROUND LOW PROFILE FRESNEL LENS W/SEAL
CLB-300 VCC-CLB-300 Datasheet
82Kb / 1P
PROFILE FRESNEL LENS 5MM ROUND LOW
CMC-321 VCC-CMC-321 Datasheet
76Kb / 1P
LOW PROFILE LENS 5MM ROUND FRESNEL
CML-325 VCC-CML-325 Datasheet
77Kb / 1P
LOW PROFILE LENS 5MM ROUND FRESNEL
CMS-322 VCC-CMS-322 Datasheet
74Kb / 1P
FRESNEL LENS W/SEAL 5MM ROUND LOW PROFILE
SMC170 VCC-SMC170 Datasheet
74Kb / 1P
LOW PROFILE LENS 3MM ROUND FRESNEL
SQB400 VCC-SQB400 Datasheet
81Kb / 1P
PROFILE FRESNEL LENS 5MM SQUARE LOW
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com