Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8320-EB Datasheet(PDF) 12 Page - Analog Devices

Part # AD8320-EB
Description  Serial Digital Controlled Variable Gain Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8320-EB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8320-EB Datasheet HTML 8Page - Analog Devices AD8320-EB Datasheet HTML 9Page - Analog Devices AD8320-EB Datasheet HTML 10Page - Analog Devices AD8320-EB Datasheet HTML 11Page - Analog Devices AD8320-EB Datasheet HTML 12Page - Analog Devices AD8320-EB Datasheet HTML 13Page - Analog Devices AD8320-EB Datasheet HTML 14Page - Analog Devices AD8320-EB Datasheet HTML 15Page - Analog Devices AD8320-EB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8320
–12–
REV. 0
75
Ω, a supply voltage of at least +10 V is required. To achieve
a signal level of +12 dBm (about 3.1 V p-p) into 75
Ω, a mini-
mum supply level of +5 V is required. However, for the lowest
possible distortion, the power supply voltage should be raised as
high as possible. In varying the power supply from +5 V to
+12 V, the quiescent current increases from 80 mA to 97 mA.
Careful attention must be paid to decoupling the power supply
pins. A 10
µF capacitor, located fairly close to the device, is
required to provide good decoupling for lower frequency signals.
In addition, five 0.1
µF decoupling capacitors should be located
close to each of the five power supply pins (7, 8, 9, 17 and 20).
A 0.1
µF capacitor must also be connected to the pin labeled
BYP (Pin 14), to provide decoupling to an internal node of the
device. All six ground pins should be connected to a low imped-
ance ground plane.
Alternative Power-Down Mode
As previously mentioned, the AD8320 can be put into a low
power sleep mode by pulling the
PD pin low. If lower power
consumption is required during power-down mode, an alternative
scheme can be used as shown in Figure 46.
AD8320*
75
AS103
(SEETEXT)
GND
VCC
PD
* ADDITIONAL PINS AND DECOUPLING CAPACITORS
OMITTED FOR CLARITY
75
VCC+12V
+5V
VOUT
0.1 F
0.1 F
V1
V2
0.01 F
V2
V1
SDATA
CLK
DATEN
VOUT
VOCM
0.1 F
IRLML5103
0.1 F
D
G
S
J1
J2
J3
VDD
POWER-
DOWN
PD
V2
V1
SDATA
CLK
DATEN
POWER-
DOWN
PD
OUTPUT
QUIESCENT
CURRENT
10–12V
0V
0V
3–5V
0V
3–5V
0V
97mA
0mA
32mA
97mA
14
0.1 F
Figure 46. Alternative Power-Down Mode with Timing
A HEXFET power MOSFET (International Rectifier part num-
ber IRLML5103) is used to turn on and off the current to the
supply pins of the AD8320. Under normal operating conditions,
the gate (labeled POWER-DOWN) should be grounded. Pull-
ing the gate to within 2 V of the supply will open the switch and
reduce the current to the amplifier to zero.
In cable modem and cable telephony applications the modem
must always present an output impedance of 75
Ω to the line.
This forces the line driver to always present a 75
Ω impedance
to the diplexer. In this application, a single pole double throw
RF switch (AS103, Alpha Semiconductor) is used to switch in
an external 75
Ω impedance when the AD8320 is turned off.
This resistor then mimics the dynamic output impedance of the
AD8320. TTL or CMOS logic can be used to drive the two
voltages driving the RF switch (V1 and V2).
Before the AD8320 is turned back on again, the gain needs to
be set to a known level. This can be done by holding the
PD pin
of the AD8320 low after POWER-DOWN has gone high. While
PD is held low, the 8-bit serial data stream can be clocked into
the AD8320. During this time the quiescent current will in-
crease to 32 mA. However, this time period can be as small as
about 1
µs. In this mode the output settles about 45 ns after the
rising edge of
PD.
Alternatively, if
DATEN is held low as the AD8320 is powered
on, the device will power up in minimum gain. In this mode, the
output settles after about 200
µs. Note that for both cases, the
capacitor on VOCM has been reduced from 0.1
µF to 0.01 µF
to facilitate a faster turn-on time. All other capacitors in the
circuit should be connected as shown in Figure 45.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com