Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8327 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8327
Description  5 V CATV Line Driver Coarse Step Output Power Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8327 Datasheet(HTML) 2 Page - Analog Devices

  AD8327 Datasheet HTML 1Page - Analog Devices AD8327 Datasheet HTML 2Page - Analog Devices AD8327 Datasheet HTML 3Page - Analog Devices AD8327 Datasheet HTML 4Page - Analog Devices AD8327 Datasheet HTML 5Page - Analog Devices AD8327 Datasheet HTML 6Page - Analog Devices AD8327 Datasheet HTML 7Page - Analog Devices AD8327 Datasheet HTML 8Page - Analog Devices AD8327 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. 0
–2–
AD8327–SPECIFICATIONS (T
A = 25 C, VS = 5 V, RL = 75
, VIN(DIFFERENTIAL) = 30 dBmV)
Parameter
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Specified AC Voltage
POUT = 60 dBmV, Max Gain
30
dBmV
Noise Figure
Max Gain, f = 10 MHz
13.2
dB
Input Resistance
Single-Ended Input
800
Ω
Differential Input
1600
Ω
Input Capacitance
2pF
GAIN CONTROL INTERFACE
Gain Range
47.16
48.16
49.16
dB
Maximum Gain
Gain Code = 10000000 (128 Decimal)
29
30
31
dB
Minimum Gain
Gain Code = 00000000 (0 Decimal)
–19.16
–18.16
–17.16
dB
Gain Scaling Factor
6.02
dB/Major
Carry
OUTPUT CHARACTERISTICS
Bandwidth (–3 dB)
All Gain Codes
160
MHz
Bandwidth Roll-Off
f = 65 MHz
0.4
dB
Bandwidth Peaking
All Gain Codes
0
dB
Output Noise Spectral Density
Max Gain, f = 10 MHz
–32
dBmV in
160 kHz
Min Gain, f = 10 MHz
–47
dBmV in
160 kHz
Transmit Disable Mode (TXEN = 0),
–66
dBmV in
f = 10 MHz
160 kHz
1 dB Compression Point
Max Gain, f = 10 MHz
14.8
dBm
Differential Output Impedance
Transmit Enable (TXEN = 1) and
Transmit Disable Mode (TXEN = 0)
75
± 20%
Ω
OVERALL PERFORMANCE
Second Order Harmonic Distortion
f = 21 MHz, VOUT = 60 dBmV @ Max Gain
–63
dBc
f = 42 MHz, VOUT = 60 dBmV @ Max Gain
–61
dBc
f = 65 MHz, VOUT = 60 dBmV @ Max Gain
–54
dBc
Third Order Harmonic Distortion
f = 21 MHz, VOUT = 60 dBmV @ Max Gain
–63
dBc
f = 42 MHz, VOUT = 60 dBmV @ Max Gain
–57
dBc
f = 65 MHz, VOUT = 60 dBmV @ Max Gain
–57
dBc
Adjacent Channel Power
Adjacent Channel Width = Transmit Channel
–62
dBc
Width = 160 KSYM/SEC
Gain Linearity Error
f = 10 MHz, Code to Code
±0.25
dB
Output Settling
Due to Gain Change (TGS)
Min to Max Gain
60
ns
Due to Input Change
Max Gain, VIN = 30 dBmV
30
ns
Isolation in Transmit Disable Mode
Max Gain, TXEN = 0 V, f = 42 MHz,
–52
dBc
VIN = 30 dBmV
POWER CONTROL
Transmit Enable Settling Time (TON)
1
Max Gain, VIN = 0 V
300
ns
Transmit Disable Settling Time (TOFF)
1
Max Gain, VIN = 0 V
40
ns
Transmit Enable Settling Time (TON)
2
Max Gain, VIN = 0 V
2
µs
Transmit Disable Settling Time (TOFF)
2
Max Gain, VIN = 0 V
1.7
µs
Between Burst Transients
2
Equivalent Output = 31 dBmV
3
mV p-p
Equivalent Output = 60 dBmV
25
mV p-p
Ramp Setting
2
2
µs
POWER SUPPLY
Operating Range
4.75
5
5.25
V
Quiescent Current
Transmit Enable Mode (TXEN = 1) @ Dec 128
75
105
135
mA
Transmit Enable Mode (TXEN = 1) @ Dec 0
40
60
80
mA
Transmit Disable Mode @ All Gain Codes
10
15
20
mA
Sleep Mode @ All Gain Codes
3
5
7
mA
OPERATING TEMPERATURE
–40
+85
°C
RANGE
NOTES
1For Transmit Enable or Transmit Disable transitions using a 0 pF capacitor (at CXR pin) to ground.
2For Transmit Enable or Transmit Disable transitions using a 100 pF capacitor (at CXR pin) to ground.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com