Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4188NXM Datasheet(PDF) 2 Page - ebm-papst

Part # 4188NXM
Description  DC axial compact fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

4188NXM Datasheet(HTML) 2 Page - ebm-papst

  4188NXM Datasheet HTML 1Page - ebm-papst 4188NXM Datasheet HTML 2Page - ebm-papst 4188NXM Datasheet HTML 3Page - ebm-papst 4188NXM Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC axial compact fan
4188 NXM
Technical features
Dimensions
119 x 119 x 38 mm
General description
Particular design features:
Very rigid compression curve for high air flow at high counterpressure.
Low operating noise level at high counterpressure.
Optional Vario-Pro: Highly flexible software configuration for the fan ensures an easily customisable
solution to meet the individual requirements of your application.
General features:
Housing made of aluminium, impeller made of fibreglass-reinforced PA; housing with grounding lug
for M4 x 8 screw (Torx).
Electronic commutation completely integrated.
Protected against reverse polarity and locking.
Electrical connection to flat plugs, 2.8 x 0.5 mm. Optionally with strands.
Inlet over bars. Rotational direction clockwise looking at rotor.
Mass: 390 g.
Connection line
Flat plugs 2.8 x 0.5 mm. Optionally also available with strands.
Direction of rotation
Clockwise, looking at rotor
Direction of air flow
Inlet over bars
Bearing
Ball bearings
Lifetime L10 at 40 °C
85000 h
Lifetime L10 at maximum
temperature
37500 h
Mass
0.390 kg
Housing material
Aluminum with grounding lug for screw M4 x 8 (TORX).
Material of impeller
Fiberglass-reinforced PA plastic
Motor protection
Protected against reverse polarity and locking.
Approval
VDE, CSA, UL
Web data sheet D · Page 2 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone +49 7724 81-0 · Fax +49 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com