Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4212 Datasheet(PDF) 2 Page - ebm-papst

Part # 4212
Description  DC axial compact fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

4212 Datasheet(HTML) 2 Page - ebm-papst

  4212 Datasheet HTML 1Page - ebm-papst 4212 Datasheet HTML 2Page - ebm-papst 4212 Datasheet HTML 3Page - ebm-papst 4212 Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC axial compact fan
4212
Technical features
Dimensions
119 x 119 x 38 mm
General description
Optional Vario-Pro: Highly flexible software configuration for the fan ensures an easily customizable
solution to meet the individual requirements of your application. Electronic commutation completely
integrated.
Connection line
Single strands AWG 22, TR 64, bared and tin-plated.
Locked-rotor protection
Blocking and overload protection
Direction of rotation
Left, looking at rotor
Direction of air flow
Air exhaust over bars
Bearing
Ball bearings
Lifetime L10 at 40 °C
62500 h
Lifetime L10 at maximum
temperature
27500 h
Mass
0.290 kg
Housing material
Fiberglass-reinforced PBTP plastic
Material of impeller
Fiberglass-reinforced PA plastic
Motor protection
Protected against reverse polarity and locking.
Approval
VDE, CSA, UL, CE
Web data sheet D · Page 2 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone: +49(0)7724/81-0 · Fax: +49(0)7724/81-1309 · info2@de.ebmpapst.com ·
www.ebmpapst.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com