Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B23 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # B23
Description  1 CELL PP3 (6R61) 9V BATTERY HOLDER, PANEL MOUNT, SOLDER TERMINALS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

B23 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  B23 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.20
1 of 1
SHEET
1 CELL PP3 (6R61) 9V BATTERY HOLDER,
PANEL MOUNT, SOLDER TERMINALS
B23
C
SS
1/11/95
JD
1/12/95
AH
1/12/95
BATTERY
LIFT TO WITHDRAW
34.5
+0.1
24.5
+0.1
43.00
2X Ø3.20
RECOMMENDED
PANEL CUTOUT
3.0
60 REF.
54.0
34.0
24.0
43.00
53.0
29.0
2.80 TYP.
MATERIAL AND FINISH:
Insulator: Glass filled Nylon, black, UL-94-HB rated
Contacts: Phosphor Bronze, Tin plated
Spring: Spring Steel
ENVIRONMENTAL
Operating temperature: -30°C TO +70°C
_
+
2X Ø3.20 THRU
Ø6.35x45° CSK
1.5x3.0 TYP.
0.30


Similar Part No. - B23

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B23 DBLECTRO-B23 Datasheet
242Kb / 1P
FEMALE HEADER PROFILE : 5.0mm STRAIGHT
logo
Jinan Jingheng (Group) ...
B23 JINANJINGHENG-B23 Datasheet
63Kb / 2P
BARRIER RECTIFIER Reverse Voltage - 25 Volts Forward Current -2.0Ampere
logo
Trumeter Technologies
B23-4916A TRUMETER-B23-4916A Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
B23-4916B TRUMETER-B23-4916B Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
B23-4916C TRUMETER-B23-4916C Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
More results

Similar Description - B23

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
400-1800 CAMBION-400-1800 Datasheet
136Kb / 1P
"PP3" size Battery Holder - Solder tag connection
400-1803 CAMBION-400-1803 Datasheet
135Kb / 1P
"PP3" size Battery Holder - PC mount
logo
PowerDynamics, Inc
B26 POWERDYNAMICS-B26 Datasheet
45Kb / 1P
2 CELL PP3 (6R61) 9V BATTERY HOLDER, PANEL MOUNT, SOLDER TERMINALS
B27 POWERDYNAMICS-B27 Datasheet
42Kb / 1P
4 CELL AA (R6) BATTERY HOLDER, PANEL MOUNT, SOLDER TERMINALS
B33 POWERDYNAMICS-B33 Datasheet
42Kb / 1P
1 CELL PP3 (6R61) 9V BATTERY HOLDER, PCB/BASEBOARD MOUNT, SOLDER TERMINALS
B34 POWERDYNAMICS-B34 Datasheet
40Kb / 1P
1 CELL AAA (R03) BATTERY HOLDER, PCB/ BASEBOARD MOUNT, SOLDER TERMINALS
B35 POWERDYNAMICS-B35 Datasheet
42Kb / 1P
1 CELL AA (R6) BATTERY HOLDER, PCB/ BASEBOARD MOUNT, SOLDER TERMINALS
B36 POWERDYNAMICS-B36 Datasheet
41Kb / 1P
1 CELL C (R14) BATTERY HOLDER, PCB/ BASEBOARD MOUNT, SOLDER TERMINALS
logo
List of Unclassifed Man...
12BH610-GR ETC2-12BH610-GR Datasheet
169Kb / 1P
9V Battery Holder
12BH612-GR ETC2-12BH612-GR Datasheet
38Kb / 1P
1 9V Battery Holder with Solder Lugs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com