Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRC-1 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # CRC-1
Description  IEC CONNECTOR RETAINING CLAMP FOR IEC 60320 C13
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

CRC-1 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  CRC-1 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.20
1 of 1
SHEET
SCREW, 6-32 x .496" LONG
BLACK OXIDE
THREADED DIMPLE
1.0
29
5.4
9.6
5.0
3.20
40.0
16.1 10.3
26.6
BOTTOM TO BE
STAMPED WITH
PDI LOGO
AND P/N CRC-1
1.3
NOTES:
Material: Steel, 1.0mm THK.
Finish: black oxide finish
BREAK AND DEBURR ALL EDGES
IEC CONNECTOR RETAINING CLAMP
FOR IEC 60320 C13
CRC-1
F
SLS
7/11/97
TD
9/27/99
JJ
9/27/99
51.6
4.8
3.5
31.0
3.4


Similar Part No. - CRC-1

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CRC/01 CLIFF-CRC/01 Datasheet
260Kb / 6P
Test & Instrumentation
CRC/01X CLIFF-CRC/01X Datasheet
260Kb / 6P
Test & Instrumentation
CRC/02 CLIFF-CRC/02 Datasheet
260Kb / 6P
Test & Instrumentation
CRC/BON CLIFF-CRC/BON Datasheet
260Kb / 6P
Test & Instrumentation
CRC/M CLIFF-CRC/M Datasheet
260Kb / 6P
Test & Instrumentation
More results

Similar Description - CRC-1

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
43R01-X3X1 POWERDYNAMICS-43R01-X3X1 Datasheet
47Kb / 1P
IEC 60320 C13 & C15 FEMALE POWER CORD PLUG; STRAIGHT CONNECTION
10080 POWERDYNAMICS-10080 Datasheet
55Kb / 1P
AMERICAN JUMPER CORD SET, IEC 60320 C14 TO IEC 60320 C13, RIGHT HANDED
10082 POWERDYNAMICS-10082 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET, IEC 60320 C14 TO IEC 60320 C13, LEFT HANDED
10095 POWERDYNAMICS-10095 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET, 100cm LONG, IEC 60320 C14 TO IEC 60320 C13
10096 POWERDYNAMICS-10096 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET IEC 60320 C14 TO IEC 60320 C13
15012 POWERDYNAMICS-15012 Datasheet
52Kb / 1P
AUSTRALIAN CORD SET, AS 3112 TO IEC 60320 C13
logo
List of Unclassifed Man...
6609018-7 ETC2-6609018-7 Datasheet
198Kb / 4P
Accessory IEC 60320-1 C13 filtered outlet
logo
Adam Technologies, Inc.
IEC-D-2 ADAM-TECH-IEC-D-2 Datasheet
80Kb / 1P
IEC C13 CONNECTOR
logo
PowerDynamics, Inc
43R65 POWERDYNAMICS-43R65 Datasheet
37Kb / 1P
IEC 60320 C13 APPL. OUTLET; PCB TERMINALS, SIDE FLANGE
PD-43R03-11 POWERDYNAMICS-PD-43R03-11 Datasheet
39Kb / 1P
UNIVERSAL IEC 60320 C13 APPL. OUTLET; QC TERMINALS, SNAP-IN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com