Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

06XS4200 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 06XS4200
Description  Dual 24 V 6.0 mOhm High Side Switch
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

06XS4200 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 06XS4200 Datasheet HTML 17Page - Freescale Semiconductor, Inc 06XS4200 Datasheet HTML 18Page - Freescale Semiconductor, Inc 06XS4200 Datasheet HTML 19Page - Freescale Semiconductor, Inc 06XS4200 Datasheet HTML 20Page - Freescale Semiconductor, Inc 06XS4200 Datasheet HTML 21Page - Freescale Semiconductor, Inc 06XS4200 Datasheet HTML 22Page - Freescale Semiconductor, Inc 06XS4200 Datasheet HTML 23Page - Freescale Semiconductor, Inc 06XS4200 Datasheet HTML 24Page - Freescale Semiconductor, Inc 06XS4200 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
IOCH1
tOCM2_M
tOCM1_M
tOCH1
Time
Load
Current
IOCH2
IOCL1
IOCL2
tOCH2
Inductive Load profile:
CONFs = 1 (V (pin 5/6) > 2.0 V)
Default levels shown as solid lines
Dynamic over-current window, activated
when the IOCLX threshold is crossed
Load current
IOCL3
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
06XS4200
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
Figure 6. Over-current Protection Profile for Applications with Inductive Loads (DC motors, solenoids)
RSTB
CSB
SCLK
SI
Don’t Care
Must be Valid
Don’t Care
VIH
VIL
tWRSTB
VIH
VIL
VIH
VIL
VIH
VIL
Must be Valid
tENBL
10% VDD
10% VDD
tLEAD
tWSCLKh
90% VDD
10% VDD
tRSI
90% VDD
tCSB
tLAG
tFSI
tWSCLKl
tSI(SU)
tSI(H)
90% VDD
10% VDD
Don’t Care
VIH
VIL
SO
tSOEN
Tri-stated
Tri-stated
tSODIS
Figure 7. Timing Requirements During SPI Communication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com