Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMC321ATP Datasheet(PDF) 1 Page - Visual Communications Company

Part # CMC321ATP
Description  5MM ROUND FRESNEL LOW PROFILE LENS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CMC321ATP Datasheet(HTML) 1 Page - Visual Communications Company

  CMC321ATP Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UL 94-V2
REV.
.05] panel hole on .375 [9.5mm] centers.
SEE NOTES
RETAINER
(ORDER SEPARATELY)
4-23-10
DESCRIPTION
SMU
4.
ECN#
U.S. & Foreign Pat. Issued & Pend.
POLYCARBONATE,
3.
MATERIAL: Polycarbonate, UL 94-V2
the case.
mounted LEDs slide into lens when the panel cover is closed or the PCB card is inserted into
2.
ASSEMBLY: Insert lens through panel hole, slide RNG 268 retainer on back of lens. PCB
chamfered.
Panel thickness .031 [0.8mm] to .250 [6.35mm]. Panel hole should be deburred, but not
DATE
INITIALS
001
REVISED PER ECR111009AZ01
1.
REVISIONS
NOTES:
MOUNTING: Mounts in a
.281 .002 [
7.13mm
LENS COLOR
RTP
RED TRANSPARENT
ATP
AMBER TRANSPARENT
GTP
GREEN TRANSPARENT
BTP
BLUE TRANSPARENT
YTP
YELLOW TRANSPARENT
CTP
CLEAR TRANSPARENT
4-23-10
CMC 321 XXX
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
4-23-10
SMU
DZ
LOW PROFILE LENS
VISUAL COMMUNICATIONS COMPANY, INC. ANY
BREAK ALL CORNERS AND SHARP
PROHIBITED.
DRAWN:
CHECKED:
TITLE:
B
DWG. NO.
SCALE: 1:1
REV
DO NOT SCALE DRAWING
SIZE
MATERIAL
PROPRIETARY AND CONFIDENTIAL
THIRD ANGLE PROJECTION
THE INFORMATION CONTAINED IN THIS
VISUAL COMMUNICATIONS COMPANY, INC IS
Phone (760) 560-1300 Fax (760) 560-1301 email vccsales@vcclite.com
DATE
FINISH
VISUAL COMMUNICATIONS COMPANY, INC.
190 Bosstick Boulevard, Suite101 San Marcos, CA 92069 USA
APPROVAL
DRAWING IS THE SOLE PROPERTY OF
EDGES .030 MAX
WITHOUT THE WRITTEN PERMISSION OF
REPRODUCTION IN PART OR AS A WHOLE
SHEET 1 OF 1
1
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES:
ANGLES
DECIMALS
1'
. X
.020
.XX
.010
FINISH
.XXX
.005
5MM ROUND FRESNEL
001
6.60mm
.260
8.38mm
.330
.300
7.62mm
.281
7.14mm
MODEL
ORDERING CODE :
CMC 321 XXX
LED
DISPAY PANEL
ASSEMBLY
LENS
PCB
RNG 268
RETAINER
RNG 268


Similar Part No. - CMC321ATP

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CMC321ATP VCC-CMC321ATP Datasheet
76Kb / 1P
LOW PROFILE LENS 5MM ROUND FRESNEL
More results

Similar Description - CMC321ATP

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CLB300RTP VCC-CLB300RTP Datasheet
82Kb / 1P
5MM ROUND LOW PROFILE FRESNEL LENS
logo
Telecommunication Elec...
CMC321RTP TELTRON-CMC321RTP Datasheet
76Kb / 1P
5MM ROUND FRESNEL LOW PROFILE LENS
logo
Visual Communications C...
CML325CTP VCC-CML325CTP Datasheet
77Kb / 1P
5MM ROUND FRESNEL LOW PROFILE LENS
CMS322RTP VCC-CMS322RTP Datasheet
74Kb / 1P
5MM ROUND LOW PROFILE FRESNEL LENS W/SEAL
CLB-300 VCC-CLB-300 Datasheet
82Kb / 1P
PROFILE FRESNEL LENS 5MM ROUND LOW
CMC-321 VCC-CMC-321 Datasheet
76Kb / 1P
LOW PROFILE LENS 5MM ROUND FRESNEL
CML-325 VCC-CML-325 Datasheet
77Kb / 1P
LOW PROFILE LENS 5MM ROUND FRESNEL
CMS-322 VCC-CMS-322 Datasheet
74Kb / 1P
FRESNEL LENS W/SEAL 5MM ROUND LOW PROFILE
SMC170 VCC-SMC170 Datasheet
74Kb / 1P
LOW PROFILE LENS 3MM ROUND FRESNEL
SQB400 VCC-SQB400 Datasheet
81Kb / 1P
PROFILE FRESNEL LENS 5MM SQUARE LOW
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com