Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80310 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 80310
Description  Alternator Regulator with LIN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

80310 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 80310_12 Datasheet HTML 9Page - Freescale Semiconductor, Inc 80310_12 Datasheet HTML 10Page - Freescale Semiconductor, Inc 80310_12 Datasheet HTML 11Page - Freescale Semiconductor, Inc 80310_12 Datasheet HTML 12Page - Freescale Semiconductor, Inc 80310_12 Datasheet HTML 13Page - Freescale Semiconductor, Inc 80310_12 Datasheet HTML 14Page - Freescale Semiconductor, Inc 80310_12 Datasheet HTML 15Page - Freescale Semiconductor, Inc 80310_12 Datasheet HTML 16Page - Freescale Semiconductor, Inc 80310_12 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
80310
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
LOGIC COMMANDS AND REGISTERS
This IC is One Time Programmable (OTP), during the final
test phase, in the factory. The OTP Programmable Options
table (Table 6) describes the programmable functions that
are selectable by the customer. These Non-volatile Memory
(NVM) bits are not alterable after the OTP operation at the
factory.
Table 6. OTP Programmable Options
Function
OTP Bits
Comments.
Default Regulation Voltage
4
13.5 to 15 V, 100 mV steps
Phase Start Regulating RPM(15), fSTART
3
800 - 2500 RPM, 8 possible values
(800, 1050, 1300, 1550, 1800, 2050, 2300, 2500)
Phase Stop Regulating RPM(15), fSTOP
2
500, 650, 850,1000 RPM
LRC Disable RPM Default(15),fLRC
2
2400, 3000, 4000 RPM & never
LRC Rate
2
0, 3.0, 6.4 & 12.3 seconds
Alternator Pole-pairs
2
6, 7, 8 & 9
Slave Address
1
Two address options, A or B
Phase Sensitivity (Startup)
2
0.45 V, 0.9 V, 1.35 V, 1.8 V(16)
Self-start (Auto-amorcage)
1
Yes or No.
Self-start Threshold
2
3000, 4000 RPM
Bus Inactivity or Data Corruption Timeout
1
1.31 or 3 seconds
Default LIN Readout Temp or EXC Current
1
Select Temperature or Current
Thermal Fault Threshold
2
135 °C, 145 °C, 150 °C, 160 °C
Thermal Compensation Threshold
2
135 °C, 145 °C, 150 °C, 160 °C
Low Voltage Threshold
1
75% of the target regulation voltage or none
Alternator Supplier and Class
3+5
Alternator Information.
Crest Regulation
1
Enabled or disabled
Parity Bit
1
Data Protection
Special LIN Features, nvm-lin-special, LIN com with global
ID (2B+3C)
1
Enabled or Disabled
Security “lock bits“
1
EOL
Notes
15.
These are adjustable independently, the IC internally compensates for the pole-pairs if the correct OTP setting is made. Frequency
measurements are made over multiple cycles (8) for greater accuracy.
16.
Typical values at room temp (30 °C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com