Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8348 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8348
Description  50-1000 MHz Quadrature Demodulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8348 Datasheet(HTML) 2 Page - Analog Devices

  AD8348 Datasheet HTML 1Page - Analog Devices AD8348 Datasheet HTML 2Page - Analog Devices AD8348 Datasheet HTML 3Page - Analog Devices AD8348 Datasheet HTML 4Page - Analog Devices AD8348 Datasheet HTML 5Page - Analog Devices AD8348 Datasheet HTML 6Page - Analog Devices AD8348 Datasheet HTML 7Page - Analog Devices AD8348 Datasheet HTML 8Page - Analog Devices AD8348 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PRELIMINARY TECHNICAL DATA
Rev. PrF 2/11/03
- 2 -
AD8348-SPECIFICATIONS (VS = 5V; TA=25
°C; FLO=500MHz; FIF=501MHz; Plo=-10dBm, Rs(LO)= 50 Ω, Rs(IF)=200Ω,
unless otherwise noted)
Parameter
Condition
Min
Typ
Max
Units
GENERAL
LO Frequency Range
External input must be 2x LO frequency
100
2000
MHz
IF Frequency Range
50
1000
MHz
Baseband bandwidth
60
MHz
LO Input Level
50 Ω source, LOIP/LOIN terminated to 50 Ω
-10
0
dBm
LO Input Impedance
Measured differentially across LOIP/LOIN
320
Ω||1pF
Ω||pF
VGIN Input Level
0.2
1.2
V
REFERENCE VOLTAGE VREF
1
V
POWER SUPPLIES
Voltage
2.7
5.5
V
Current Active
ENBL=5V
48
mA
Current Standby
ENBL=0
65
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com