Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA7341LC Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MMA7341LC
Description  짹3g, 짹9g Three Axis Low-g Micromachined Accelerometer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7341LC Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MMA7341LC Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA7341LC Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA7341LC Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA7341LC Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA7341LC Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA7341LC Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7341LC Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7341LC Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7341LC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Sensors
Freescale Semiconductor
5
MMA7341LC
BASIC CONNECTIONS
Pin Descriptions
Figure 4. Pinout Description
Figure 5. Accelerometer with Recommended
Connection Diagram
PCB Layout
Figure 6. Recommended PCB Layout for Interfacing
Accelerometer to Microcontroller
NOTES:
1. Use 0.1 µF capacitor on VDD to decouple the power
source.
2. Physical coupling distance of the accelerometer to
the microcontroller should be minimal.
3. Place a ground plane beneath the accelerometer to
reduce noise, the ground plane should be attached to
all of the open ended terminals shown in Figure 6.
4. Use a 3.3 nF capacitor on the outputs of the
accelerometer to minimize clock noise (from the
switched capacitor filter circuit).
5. PCB layout of power and ground should not couple
power supply noise.
6. Accelerometer and microcontroller should not be a
high current path.
7. A/D sampling rate and any external power supply
switching frequency should be selected such that
they do not interfere with the internal accelerometer
sampling frequency (11 kHz for the sampling
frequency). This will prevent aliasing errors.
8. 10 M
Ω or higher is recommended on XOUT, YOUT and
ZOUT to prevent loss due to the voltage divider
relationship between the internal 32 k
Ω resistor and
the measurement input impedance.
Table 4. Pin Descriptions
Pin No. Pin Name
Description
1
N/C
No internal connection
Leave unconnected
2XOUT
X direction output voltage
3YOUT
Y direction output voltage
4ZOUT
Z direction output voltage
5
VSS
Power Supply Ground
6VDD
Power Supply Input
7Sleep
Logic input pin to enable product or Sleep Mode
8
N/C
No internal connection
Leave unconnected
9
N/C
No internal connection
Leave unconnected
10
g-Select
Logic input pin to select g level
11
N/C
Unused for factory trim
Leave unconnected
12
N/C
Unused for factory trim
Leave unconnected
13
Self Test
Input pin to initiate Self Test
14
N/C
Unused for factory trim
Leave unconnected
N/C
XOUT
ZOUT
YOUT
VSS
VDD
Sleep
N/C
N/C
g-Select
Self Test
N/C
N/C
N/C
Top View
2
3
4
3.3 nF
3.3 nF
3.3 nF
13
10
6
5
7
Logic
Input
Logic
Input
Logic
Input
0.1 μF
VDD
VDD
VSS
g-Select
Self Test
Sleep
XOUT
YOUT
ZOUT
MMA7341L
9
0g-Detect
MMA7341LC
POWER SUPPLY
VDD
VSS
Sleep
g-Select
XOUT
YOUT
ZOUT
VDD
VSS
VRH
P0
P1
A/DIN
A/DIN
A/DIN
C
C
C
C
C
C
C
C
Self Test
P2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com