Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8491Q Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MMA8491Q
Description  Xtrinsic MMA8491Q 3-Axis Multifunction Digital Accelerometer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8491Q Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MMA8491Q Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA8491Q Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA8491Q Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA8491Q Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA8491Q Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA8491Q Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA8491Q Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA8491Q Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA8491Q Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
MMA8491Q
Sensors
Freescale Semiconductor, Inc.
13
3.6
Tilt angle
Tilt angles can be calculated from the g-value threshold using the equation below. The tilt threshold is 0.688g, which corresponds
to 43.5°. Figure 9 illustrates the tilt angle threshold.
•
When 0g acceleration is present on an axis, the tilt angle = 0°;
when 1g acceleration is present on an axis, the tilt angle = 90°.
•
When the tilt angle > the tilt threshold, the output for the axis is HIGH;
when the tilt angle
≤ the tilt threshold, the output for the axis is LOW.
Figure 9. MMA8491Q output is based on tilt angle and sensor g-value
Tilt Angle
g-value
1g
-------------------
⎝⎠
⎛⎞
asin
=
Horizontal
Reference
1g
Threshold = 0.688g
Ø
Threshold (g-value) = 0.688g
Projected g-value =
Tilt Angle φ = 55°
Horizontal
Reference
1g
0.688g
Horizontal
Reference
1g
0.688g
Output = 1
Tilt Angle φ = 30°
Output = 0
Tilt Angle φ = 70°
Output = 1
Ø
Ø



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com