Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3H6115AC6U Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MP3H6115AC6U
Description  High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MP3H6115AC6U Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MP3H6115AC6U Datasheet HTML 1Page - Freescale Semiconductor, Inc MP3H6115AC6U Datasheet HTML 2Page - Freescale Semiconductor, Inc MP3H6115AC6U Datasheet HTML 3Page - Freescale Semiconductor, Inc MP3H6115AC6U Datasheet HTML 4Page - Freescale Semiconductor, Inc MP3H6115AC6U Datasheet HTML 5Page - Freescale Semiconductor, Inc MP3H6115AC6U Datasheet HTML 6Page - Freescale Semiconductor, Inc MP3H6115AC6U Datasheet HTML 7Page - Freescale Semiconductor, Inc MP3H6115AC6U Datasheet HTML 8Page - Freescale Semiconductor, Inc MP3H6115AC6U Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MP3H6115A
Sensors
4
Freescale Semiconductor, Inc.
Pressure
On-chip Temperature Compensation and Calibration
Figure 2 illustrates the absolute sensing chip in the basic
Super Small Outline chip carrier (Case 1317).
Figure 3 shows a typical application circuit (output source
current operation).
Figure 4 shows the sensor output signal relative to
pressure input. Typical minimum and maximum output
curves are shown for operation over 0 to 85
°C temperature
range. The output will saturate outside of the rated pressure
range.
A fluorosilicone gel isolates the die surface and wire bonds
from the environment, while allowing the pressure signal to
be transmitted to the silicon diaphragm. The MP3H6115A
series pressure sensor operating characteristics, internal
reliability and qualification tests are based on use of dry air as
the pressure media. Media other than dry air may have
adverse effects on sensor performance and long-term
reliability. Contact the factory for information regarding media
compatibility in your application.
Figure 2. Cross Sectional Diagram SSOP (not to scale)
Figure 3. Typical Application Circuit
(Output Source Current Operation)
Figure 4. Output versus Absolute Pressure
Wire Bond
Stainless Steel
Cap
Thermoplastic
Case
Die Bond
Sealed Vacuum Reference
Fluoro Silicone
Gel Die Coat
Lead frame
Absolute Element
P1
Die
VS Pin 2
+3 V
GND Pin 3
VOUT Pin 4
MP3H6115A
to ADC
100 nF
51 K
47 pF
GND
Pressure (Reference to Sealed Vacuum) in kPa
Min
Typ
Max
Transfer Function:
VOUT = VS x (.009xP–.095) ± Error
VS = 3.0 VDC
Temp = 0 to 85°C
3.0
2.75
2.5
2.25
2.0
1.75
1.5
1.25
1.0
0.75
0.5
0.25
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com