Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBH Datasheet(PDF) 2 Page - PowerDynamics, Inc

Part # PBH
Description  16/20A HIGH CURRENT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PBH Datasheet(HTML) 2 Page - PowerDynamics, Inc

  PBH Datasheet HTML 1Page - PowerDynamics, Inc PBH Datasheet HTML 2Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CURRENT RATING (A):
= 16
= 20
TERMINAL:
= Q
= S
= W
PBH
OPTIONS:
= 00
= 60
= 80
= 90
QUICK CONNECT
SOLDER
WIRE
-
-
NO BLEEDER RESISTOR & NO GROUND CHOKE
BLEEDER RESISTOR (1W, 1M)
BLEEDER RESISTOR (1W, 1M) & GROUND CHOKE
GROUND CHOKE (100µH)
COMPONENT LOCATIONS:
= 1
= 2
= 3
= 1M
= 2M
STANDARD TYPE
WITHOUT C(X); C(Y) ONLY
C(X) & C(Y) BEHIND L
WITHOUT C(Y); C(X) ONLY
WITHOUT C(Y); C(X) BEHIND L
PBH Series Example & Ordering Code
6.3/0.25
4.0/0.187
UL 1015, 18AWG
STRANDED, 4”
20 Q
60
1
C
8.0
3.0-3.6L
6.6
2.0-3.0L
CASE CODE:
= F
= U
= O
FLANGE MOUNT
SNAP-IN TABS - SIDE
REAR PANEL MOUNT
U

Contact PDI for attenuation numbers
ATTENUATION CODE TABLE:
Case Code
Cap. Cx (µF)
16/20A (mH)
F,O,U
0.1
0.5
F,O,U
0.33
0.5
Medical applications, select Attenuation code with corresponding component values from the table.
Non-Medical applications, select Attenuation code with corresponding component values from the table.
Case Code
Cap. Cx (µF)
Cap. Cy (pF)
20A (mH)
F,O,U
0.1
2200
0.5
F,O,U
0.1
3300
0.5
F,O,U
0.33
2200
0.5
= A
= B
= C
= M1
= M2
Attenuation Comm. Mode(L-G) in MHz
Diff. Mode(L-L) in MHz
Code
.15 .5
1
5
10 30
.15 .5 1
5 10 30
A
17 22 26 43 51 43
8 18 24 45 43 35
B
17 23 28 47 57 45
8 18 23 51 54 34
C
17 22 26 43 51 43
18 28 33 46 53 35
Attenuation Comm. Mode(L-G) in MHz
Diff. Mode(L-L) in MHz
Code
.15 .5
1
5
10 30
.15 .5 1
5 10 30
M1
16 21 22 24 25 20
8 18 25 42 43 30
M2
16 20 22 24 25 20
17 28 33 41 40 31
O
This table applies to schematic 1 only.
Visit our website or contact PDI for other schematic attenuation numbers.
"
This table applies to schematic 1M only.
Visit our website or contact PDI for other schematic attenuation numbers.
Medical Applications
Non-Medical ApplicationsO
"
Insertion loss in dB (50 Ohm circuit)
Insertion loss in dB (50 Ohm circuit)
SCHEMATICS
CX
G
L mH
L mH
Cy
L
N
L
L'
N'
G'
Lg
Cy
R
G
L mH
L mH
Cy
L
N
L
L'
N'
G'
Lg
Cy
R
1
2
G
L mH
L mH
L
N
L
L'
N'
G'
Lg
R
Cy
Cy
CX
3
MEDICAL
SCHEMATICS
G'
CX
G
L mH
L mH
L
N
L
L'
N'
Lg
R
G'
G
L mH
L mH
L
N
L
L'
N'
Lg
R
CX
2M
1M
14
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com