Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8367ARU Datasheet(PDF) 3 Page - Analog Devices

Part # AD8367ARU
Description  500 MHz, Linear-in-dB VGA with AGC Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367ARU Datasheet(HTML) 3 Page - Analog Devices

  AD8367ARU Datasheet HTML 1Page - Analog Devices AD8367ARU Datasheet HTML 2Page - Analog Devices AD8367ARU Datasheet HTML 3Page - Analog Devices AD8367ARU Datasheet HTML 4Page - Analog Devices AD8367ARU Datasheet HTML 5Page - Analog Devices AD8367ARU Datasheet HTML 6Page - Analog Devices AD8367ARU Datasheet HTML 7Page - Analog Devices AD8367ARU Datasheet HTML 8Page - Analog Devices AD8367ARU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
–3–
REV. 0
Parameter
Conditions
Min
Typ
Max
Unit
f = 70 MHz
Gain
Maximum Gain
+42.5
dB
Minimum Gain
–3.7
dB
Gain Scaling Factor
19.9
mV/dB
Gain Intercept
–5.6
dB
Noise Figure
Maximum Gain
6.2
dB
Output IP3
f1
70 MHz, f2
71 MHz, VGAIN
0.5 V
27.5
dBm
20.5
dBV rms
Output 1 dB Compression Point
VGAIN
0.5 V
8.5
dBm
1.5
dBV rms
f = 140 MHz
Gain
Maximum Gain
+43.5
dB
Minimum Gain
–3.6
dB
Gain Scaling Factor
19.7
mV/dB
Gain Intercept
–5.3
dB
Noise Figure
Maximum Gain
7.4
dB
Output IP3
f1
140 MHz, f2
141 MHz, VGAIN
0.5 V
24.5
dBm
17.5
dBV rms
Output 1 dB Compression Point
VGAIN
0.5 V
8.4
dBm
1.4
dBV rms
f = 190 MHz
Gain
Maximum Gain
+43.5
dB
Minimum Gain
–3.8
dB
Gain Scaling Factor
19.6
mV/dB
Gain Intercept
–5.3
dB
Noise Figure
Maximum Gain
7.5
dB
Output IP3
f1
190 MHz, f2
191 MHz, VGAIN
0.5 V
23.9
dBm
16.9
dBV rms
Output 1 dB Compression Point
VGAIN
0.5 V
8.4
dBm
1.4
dBV rms
f = 240 MHz
Gain
Maximum Gain
+43
dB
Minimum Gain
–4.1
dB
Gain Scaling Factor
19.7
mV/dB
Gain Intercept
–5.2
dB
Noise Figure
Maximum Gain
7.6
dB
Output IP3
f1
240 MHz, f2
241 MHz, VGAIN
0.5 V
24.6
dBm
17.6
dBV rms
Output 1 dB Compression Point
VGAIN
0.5 V
8.1
dBm
1.1
dBV rms
NOTES
1The output dc centering voltage is normally set at V
S 2 and can be adjusted by applying a voltage to DECL.
Specifications subject to change without notice.
AD8367



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com