Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCSP Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PCSP
Description  CHASSIS MOUNT EMI/RFI LINE FILTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PCSP Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PCSP Datasheet HTML 1Page - PowerDynamics, Inc PCSP Datasheet HTML 2Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice. Dimensions (mm).
CHASSIS MOUNT EMI/RFI LINE FILTER
PCSP Series
MECHANICAL DIMENSIONS
FEATURES
The PCSP series offers filters with compact designed chassis
mount filter with current rating up to 10A, 250VAC. These
filters offer common mode and differential mode attenuation
over the frequency range of 100KHz to 50MHz.
APPLICATIONS
Computer & networking equipment, Measuring & control
equipment, Data processing equipment, laboratory instruments,
Switching power supplies, other electronic equipment.
TECHNICAL DATA
Rated Voltage: 115/250VAC
Rated Current: 1A, 3A, 6A, 10A
Power Line Frequency: 50/60Hz
Max. Leakage Current each
Line to Ground:
@ 115VAC 60Hz: <0.8mA
@ 250VAC 50Hz: <0.8mA
Hipot Rating (one minute)
Line to Ground: 2250VDC
Line to Line: 1450VDC
Temperature Range: -25C to +85C
(Unit: mm)
4.7+0.1
10.0
G
L
N
L'
N'
53.5+0.1
-
-
48 Max
64 Max
18 Max
44 Max
27
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - PCSP

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PCSP040D7IP31 SCHNEIDER-PCSP040D7IP31 Datasheet
97Kb / 2P
Active harmonic filter 40 amp 600-690 VAC IP31 Enclosure
PCSP040D7IP54 SCHNEIDER-PCSP040D7IP54 Datasheet
100Kb / 2P
Active harmonic filter 40 amp 600-690 VAC IP54 Enclosure
May 21, 2020
PCSP040D7N12 SCHNEIDER-PCSP040D7N12 Datasheet
100Kb / 2P
Active harmonic filter 40 amp 600-690 VAC N12 Enclosure
May 21, 2020
PCSP040D7N2 SCHNEIDER-PCSP040D7N2 Datasheet
97Kb / 2P
Active harmonic filter 40 amp 600-690 VAC N2 Enclosure
May 21, 2020
PCSP047D6IP31 SCHNEIDER-PCSP047D6IP31 Datasheet
97Kb / 2P
Active harmonic filter 47 amp 500-600 VAC IP31 Enclosure
May 21, 2020
More results

Similar Description - PCSP

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PC05Q-1 POWERDYNAMICS-PC05Q-1 Datasheet
423Kb / 2P
CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PD05PS-1 POWERDYNAMICS-PD05PS-1 Datasheet
993Kb / 2P
CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PDF016T POWERDYNAMICS-PDF016T Datasheet
378Kb / 2P
3-PHASE, CHASSIS MOUNT WITH TERMINAL BLOCK EMI/RFI LINE FILTER.
PE3P POWERDYNAMICS-PE3P Datasheet
165Kb / 4P
3 PHASE, 3 WIRE, CHASSIS MOUNT EMI/RFI LINE FILTER.
PE3P4W POWERDYNAMICS-PE3P4W Datasheet
178Kb / 3P
3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
PE05Q-1 POWERDYNAMICS-PE05Q-1 Datasheet
403Kb / 2P
CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER
PEA POWERDYNAMICS-PEA Datasheet
155Kb / 3P
CHASSIS MOUNT, HIGH PERFORMANCE, SINGLE STAGE EMI/RFI LINE FILTER.
PEM POWERDYNAMICS-PEM Datasheet
215Kb / 6P
CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
PG01S POWERDYNAMICS-PG01S Datasheet
226Kb / 2P
ECONOMICAL, CHASSIS MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PK01Q-50-1C POWERDYNAMICS-PK01Q-50-1C Datasheet
472Kb / 3P
CHASSIS MOUNT, HIGH PERFORMANCE, MULTIPURPOSE, SINGLE STAGE EMI/RFI LINE FILTER.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com