Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCSP-06 Datasheet(PDF) 2 Page - PowerDynamics, Inc

Part # PCSP-06
Description  CHASSIS MOUNT EMI/RFI LINE FILTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PCSP-06 Datasheet(HTML) 2 Page - PowerDynamics, Inc

  PCSP-06 Datasheet HTML 1Page - PowerDynamics, Inc PCSP-06 Datasheet HTML 2Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCSP Series Ordering Code
Non-Medical Applications
PCSP Series Attenuation Tables
Insertion loss in dB (50 Ohm circuit)
L mH
L mH
L
G
N
L'
N'
Cy
x2
Cx
SCHEMATIC
PDI P/N
Current Rating
Capacitor C(x)
Capacitor C(y)
Induactance (L)
PCSP-01
1A
0.1µF
3300pF
3.7mH
PCSP-03
3A
0.1µF
3300pF
1.8mH
PCSP-06
6A
0.1µF
3300pF
0.7mH
PCSP-10
10A
0.1µF
3300pF
0.3mH
Comm.Mode(L-G) MHz
Diff. mode(L-L) MHz
.01 .15 .5 1 5 10 30
.01 .15 .5 1
5 10 30
39 43 52 48 42 45 30
18 19 30 41 48 50 38
39 44 46 49 50 53 40
17 18 29 32 54 54 50
19 23 30 33 48 57 43
12 16 27 31 49 58 45
18 19 24 29 46 52 52
12 16 25 29 56 71 51
Current
Rating
1A
3A
6A
10A
28
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com