Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC05Q-2 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PC05Q-2
Description  CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PC05Q-2 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PC05Q-2 Datasheet HTML 1Page - PowerDynamics, Inc PC05Q-2 Datasheet HTML 2Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice. Dimensions (mm).
CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PC Series
MECHANICAL DIMENSIONS
FEATURES
The PC series offers superior performance in suppressing
Line-to-Line and Line-to-Ground noise. Designed for easy
mounting, this low profile Chassis mount filter is PDI’s most
popular filter offering current ratings up to 20 Amps at
250VAC. One size package offers both single and double
stage filtering.
APPLICATIONS
Computer & networking equipment, Measuring & control
equipment, Data processing equipment, laboratory instruments,
Switching power supplies, other electronic equipment.
TECHNICAL DATA
• Rated Voltage: 250VAC
• Rated Current: 1A, 3A, 5A, 6A, 10A, 15A, 20A
• Power Line Frequency: 60Hz
• Leakage Current: 0.8mA, 250VAC
• Hipot Rating (one minute)
Line to Ground: 2250VDC
Line to Line: 1450VDC
• Temperature Range: -25C to +85C
(Unit: mm)
0.8 TYP.
28.5
+--0.5
70.5
+--1.0
50.0
70.7 MAX.
60.0
6.35 TYP.
3.5x2.0 TYP.
2x 5.00
L'
N'
N
L
G
25
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - PC05Q-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC050 ETC2-PC050 Datasheet
634Kb / 2P
Power Chip Resistors
logo
PANDUIT CORP.
PC050-H25D-C0 PANDUIT-PC050-H25D-C0 Datasheet
110Kb / 1P
Flat Cable Clips Pan-Clamp Heavy Duty Fixed Diameter Clamps
PC050-H25D-C0 PANDUIT-PC050-H25D-C0 Datasheet
70Kb / 2P
PAN-CLAMP ™ Heavy Duty Fixed Diameter Clamps
6/2009
PC050-H25D-C0 PANDUIT-PC050-H25D-C0 Datasheet
4Mb / 16P
Heavy Duty Cable Management Solutions
5/2017
logo
Allied Components Inter...
PC0501-100M-RC ALLIED-PC0501-100M-RC Datasheet
385Kb / 1P
Power Chip Inductors
More results

Similar Description - PC05Q-2

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PCSP POWERDYNAMICS-PCSP Datasheet
399Kb / 2P
CHASSIS MOUNT EMI/RFI LINE FILTER
PD05PS-1 POWERDYNAMICS-PD05PS-1 Datasheet
993Kb / 2P
CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PE3P4W POWERDYNAMICS-PE3P4W Datasheet
178Kb / 3P
3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
PE05Q-1 POWERDYNAMICS-PE05Q-1 Datasheet
403Kb / 2P
CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER
PEA POWERDYNAMICS-PEA Datasheet
155Kb / 3P
CHASSIS MOUNT, HIGH PERFORMANCE, SINGLE STAGE EMI/RFI LINE FILTER.
PEM POWERDYNAMICS-PEM Datasheet
215Kb / 6P
CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
PEMA POWERDYNAMICS-PEMA Datasheet
427Kb / 2P
CHASSIS MOUNT, MULTI-STAGE EMI/RFI APPLIANCE FILTER
PF01PC POWERDYNAMICS-PF01PC Datasheet
213Kb / 2P
PC BOARD MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PG01S POWERDYNAMICS-PG01S Datasheet
226Kb / 2P
ECONOMICAL, CHASSIS MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PK01Q-50-1C POWERDYNAMICS-PK01Q-50-1C Datasheet
472Kb / 3P
CHASSIS MOUNT, HIGH PERFORMANCE, MULTIPURPOSE, SINGLE STAGE EMI/RFI LINE FILTER.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com