Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPS28010Z Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KPS28010Z
Description  4 Pin SSOP Low Input Current Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPS28010Z Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KPS28010Z Datasheet HTML 1Page - COSMO  Electronics Corporation KPS28010Z Datasheet HTML 2Page - COSMO  Electronics Corporation KPS28010Z Datasheet HTML 3Page - COSMO  Electronics Corporation KPS28010Z Datasheet HTML 4Page - COSMO  Electronics Corporation KPS28010Z Datasheet HTML 5Page - COSMO  Electronics Corporation KPS28010Z Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PRODUCT SPECIFICATION
DATE:01/13/2013
No.61P05027
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KPS28010Z
SHEET 2 OF 6
REV
2
1.
OUTSIDE DIMENSION : UNIT (mm)
D a t e
C o d e
TOLERANCE : ±0.2mm
2. SCHEMATIC : TOP VIEW
1.Anode
2.Cathode
3.Emitter
4.Collector



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com