Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD06PS-2 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PD06PS-2
Description  CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PD06PS-2 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PD06PS-2 Datasheet HTML 1Page - PowerDynamics, Inc PD06PS-2 Datasheet HTML 2Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice. Dimensions (mm).
CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PD Series
MECHANICAL DIMENSIONS
FEATURES
The PD series offers single and double stage filters in the
same package particularly for high impedance loads.
Designed for easy mounting, this low profile chassis mount
filter offers current ratings up to 20 Amps at 250VAC. One
size package offers both single and double stage filtering.
(See PC series for Quick Connect Terminals)
APPLICATIONS
Computer & networking equipment, Measuring & control
equipment, Data processing equipment, laboratory instruments,
Switching power supplies, other electronic equipment.
TECHNICAL DATA
Rated Voltage: 250VAC
Rated Current: 1A, 3A, 5A, 6A, 10A, 15A, 20A
Power Line Frequency: 60Hz
Leakage Current: 0.8mA, 250VAC
Hipot Rating (one minute)
Line to Ground: 2250VDC
Line to Line: 1450VDC
Temperature Range: -25C to +85C
(Unit: mm)
L
N
L'
N'
G
60.0
85.3 MAX.
2X 5.00
M4 THREAD TYP.
28.5+--0.5
70.5
+--1.0
50.0
29
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - PD06PS-2

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD064VL1 AZDISPLAYS-PD064VL1 Datasheet
531Kb / 23P
TECHNICAL SPECIFICATION
PD064VT2 AZDISPLAYS-PD064VT2 Datasheet
313Kb / 21P
This product applies computer peripheral, industrial meter, image communication, web-pad, e-boobs and multi-media
PD064VT2 AZDISPLAYS-PD064VT2 Datasheet
544Kb / 22P
TECHNICAL SPECIFICATION
PD064VT2_V1.9 AZDISPLAYS-PD064VT2_V1.9 Datasheet
544Kb / 22P
TECHNICAL SPECIFICATION
PD064VT4 AZDISPLAYS-PD064VT4 Datasheet
615Kb / 23P
This product applies computer peripheral , industrial meter , image communication and multi-media.
More results

Similar Description - PD06PS-2

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PC05Q-1 POWERDYNAMICS-PC05Q-1 Datasheet
423Kb / 2P
CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PCSP POWERDYNAMICS-PCSP Datasheet
399Kb / 2P
CHASSIS MOUNT EMI/RFI LINE FILTER
PE3P4W POWERDYNAMICS-PE3P4W Datasheet
178Kb / 3P
3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
PE05Q-1 POWERDYNAMICS-PE05Q-1 Datasheet
403Kb / 2P
CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER
PEA POWERDYNAMICS-PEA Datasheet
155Kb / 3P
CHASSIS MOUNT, HIGH PERFORMANCE, SINGLE STAGE EMI/RFI LINE FILTER.
PEM POWERDYNAMICS-PEM Datasheet
215Kb / 6P
CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
PEMA POWERDYNAMICS-PEMA Datasheet
427Kb / 2P
CHASSIS MOUNT, MULTI-STAGE EMI/RFI APPLIANCE FILTER
PF01PC POWERDYNAMICS-PF01PC Datasheet
213Kb / 2P
PC BOARD MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PG01S POWERDYNAMICS-PG01S Datasheet
226Kb / 2P
ECONOMICAL, CHASSIS MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PK01Q-50-1C POWERDYNAMICS-PK01Q-50-1C Datasheet
472Kb / 3P
CHASSIS MOUNT, HIGH PERFORMANCE, MULTIPURPOSE, SINGLE STAGE EMI/RFI LINE FILTER.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com