Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-15 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PD-15
Description  NORTH AMERICAN NEMA 5-15R; SINGLE SOCKET, V-SLOT TERMINALS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PD-15 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PD-15 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.20
1 of 1
SHEET
NORTH AMERICAN NEMA 5-15R; SINGLE
SOCKET, V-SLOT TERMINALS
PD-15
D
JA
5/9/94
AH
5/10/94
SS
5/10/94
MATERIAL AND FINISH
Insulator: PC (Polycarbonate), black,
UL-94V-2 rated
Contacts: Bronze, Tin plated
ELECTRICAL SPECIFICATIONS:
Current rating: 15 A
Voltage rating: 125 VAC
Insulation resistance: 1000 Mohm min. at
500 VDC
Dielectric withstanding voltage: 1500 VAC
for one minute
Contact resistance: 30 mohm max.
ENVIRONMENTAL:
Operating Temperature: 70°C
0.60 TYP.
24.6
27.0
27.0
33
3.6
24.6
24.6
+0.2
RECOMMENDED PANEL
CUTOUT
PANEL THICKNESS
RANGE 0.8 ~ 1.6 MAX.
6.75
24.6
+0.2
RoHS
COMPLIANT


Similar Part No. - PD-15

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PD-15-1X POWERDYNAMICS-PD-15-1X Datasheet
56Kb / 1P
NORTH AMERICAN NEMA 5-15R; SINGLE SOCKET, QC CONNECT TERMINAL
PD-15-2 POWERDYNAMICS-PD-15-2 Datasheet
365Kb / 2P
NEMA 5-15 RECEPTACLE, UNVERSAL SNAP IN, 15A 125V; FOR 14AWG WIRE
logo
Optoway Technology Inc
PD-1500 OPTOWAY-PD-1500 Datasheet
76Kb / 2P
InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH RECEPTACLE
PD-1500-F OPTOWAY-PD-1500-F Datasheet
76Kb / 2P
InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH RECEPTACLE
PD-1500-F OPTOWAY-PD-1500-F Datasheet
76Kb / 2P
GaAs PIN PD MODULES GaAs PIN PHOTODIODE WITH RECEPTACLE
More results

Similar Description - PD-15

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PD-15-1X POWERDYNAMICS-PD-15-1X Datasheet
56Kb / 1P
NORTH AMERICAN NEMA 5-15R; SINGLE SOCKET, QC CONNECT TERMINAL
logo
List of Unclassifed Man...
1751810B1 ETC2-1751810B1 Datasheet
386Kb / 2P
CORDSET - NORTH AMERICAN WIRE HARNESS
1752010B1 ETC2-1752010B1 Datasheet
60Kb / 2P
CORDSET - NORTH AMERICAN WIRE HARNESS
1752410B1 ETC2-1752410B1 Datasheet
61Kb / 2P
CORDSET - NORTH AMERICAN WIRE HARNESS
1753610B1 ETC2-1753610B1 Datasheet
60Kb / 2P
CORDSET - NORTH AMERICAN WIRE HARNESS
1753910B1 ETC2-1753910B1 Datasheet
61Kb / 2P
CORDSET - NORTH AMERICAN WIRE HARNESS
1775110B1 ETC2-1775110B1 Datasheet
69Kb / 2P
CORDSET - NORTH AMERICAN WIRE HARNESS
6665 ETC2-6665 Datasheet
53Kb / 2P
RETRACTILE CORD - NORTH AMERICAN
179708 ETC2-179708 Datasheet
340Kb / 3P
NORTH AMERICAN POWER SUPPLY CORD
logo
Qualtek Electronics Cor...
740W-D-02 QUALTEK-740W-D-02 Datasheet
332Kb / 1P
DUPLEX RECEPTACLE, NEMA 5-15R
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com