Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-15-2 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PD-15-2
Description  NEMA 5-15 RECEPTACLE, UNVERSAL SNAP IN, 15A 125V; FOR 14AWG WIRE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PD-15-2 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PD-15-2 Datasheet HTML 1Page - PowerDynamics, Inc PD-15-2 Datasheet HTML 2Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - PD-15-2

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PD-15-1X POWERDYNAMICS-PD-15-1X Datasheet
56Kb / 1P
NORTH AMERICAN NEMA 5-15R; SINGLE SOCKET, QC CONNECT TERMINAL
More results

Similar Description - PD-15-2

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301510001 MOLEX11-1301510001 Datasheet
35Kb / 1P
Safeway Adapter NEMA 5-15 Receptacle - Female End 15A/125V, Non-NEMA Plug - Male End, 15A/125V
1301510002 MOLEX11-1301510002 Datasheet
36Kb / 1P
Safeway Adapter Non-NEMA Receptacle - Female End 15A/125V, Non-NEMA 5-15
1301510003 MOLEX11-1301510003 Datasheet
34Kb / 1P
Safeway Adapter NEMA 5-15 Receptacle - Female End 15A/125V, NEMA 5-15 Plug - Male End, 15A/125V
1301510004 MOLEX11-1301510004 Datasheet
34Kb / 1P
Safeway Adapter Non-NEMA Receptacle - Female End 15A/125V Flat Blade, Non-NEMA 5-15 Plug - Male End, 15A/125V
1301510012 MOLEX11-1301510012 Datasheet
37Kb / 1P
Safeway Adapter NEMA 5-15 Receptacle - Female End 15A/125V, Non-NEMA Plug
1301510014 MOLEX11-1301510014 Datasheet
37Kb / 1P
Safeway Adapter NEMA 5-15 Receptacle - Female End 15A/125V, NEMA 5-15 Plug
130151-0015 MOLEX11-130151-0015 Datasheet
42Kb / 1P
Safeway Adapter Non-NEMA Receptacle - Female End ,15A/125V, NEMA 5-15 Plug
1301510016 MOLEX11-1301510016 Datasheet
37Kb / 1P
Safeway Adapter Non-NEMA Receptacle - Female End, 15A/125V, NEMA 5-15 Plug
1301510017 MOLEX11-1301510017 Datasheet
35Kb / 1P
Safeway Adapter NEMA L5-15 Receptacle - Female End 15A/125V, NEMA 5-15 Plug
1301510026 MOLEX11-1301510026 Datasheet
35Kb / 1P
Safeway Adapter NEMA 5-15 Receptacle - Female End 15A/125V, NEMA L5-20 Plug
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com