Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-16UK Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PD-16UK
Description  BS-1363 UNITED KINGDOM RECEPTACLE 13A 250VAC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PD-16UK Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PD-16UK Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.20
1 of 1
SHEET
BS-1363 UNITED KINGDOM RECEPTACLE
13A 250VAC
PD-16UK
A
GQ
11/01/01
TD
11/13/01
PB
11/13/01
MATERIAL AND FINISH:
Insulator: Thermoplastic, UL-94V-0 rated, color white
Contacts: Brass, Nickel plated
ELECTRICAL SPECIFICATIONS:
Rated current: 13A
Rated voltage: 250VAC
Insulation resistance: 100 Mohm min. at 500VDC
Dielectric withstanding voltage: 2000VAC for one minute
APPROVALS:
22.2
22.2
50 SQ.
47.5±0.5
RECOMMENDED
PANEL CUTOUT
30
5.0
45.0±0.1
42.5
+0.2
47.5
-0.1
25.0
36.2
3X 5.2
1.2t
3.8


Similar Part No. - PD-16UK

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD-163-42 TRINAMIC-PD-163-42 Datasheet
267Kb / 1P
42mm/NEMA17 High Performance BLDC Motor with Controller/Driver and Serial Interface
PD-1670-CABLE TRINAMIC-PD-1670-CABLE Datasheet
938Kb / 19P
PD-x-1670 Hardware Manual
2018-OCT-26
logo
Vishay Siliconix
PD-16A040 VISHAY-PD-16A040 Datasheet
67Kb / 2P
Plasma Panel Displays 16 Character, 16 Segment Alphanumeric Display with .400" [10.16mm] High Characters
08-Nov-00
logo
PowerDynamics, Inc
PD-16AU POWERDYNAMICS-PD-16AU Datasheet
44Kb / 1P
AS 3112 AUTRALIAN/NEW ZEALAND SQUARE RECEPTACLE
PD-16AU-1 POWERDYNAMICS-PD-16AU-1 Datasheet
43Kb / 1P
AS 3112 AUSTRALIAN / NEW ZEALAND ROUND RECEPTACLE
More results

Similar Description - PD-16UK

ManufacturerPart #DatasheetDescription
logo
CUI INC
SMI-UK-1 CUI-SMI-UK-1 Datasheet
230Kb / 2P
UNITED KINGDOM BLADE
SMI-UK-3 CUI-SMI-UK-3 Datasheet
732Kb / 2P
UNITED KINGDOM BLADE
SMI-UK-3L CUI-SMI-UK-3L Datasheet
402Kb / 2P
UNITED KINGDOM BLADE
AC-C7-UK CUI-AC-C7-UK Datasheet
169Kb / 2P
AC CORD, UNITED KINGDOM
SMI-UK-2 CUI-SMI-UK-2 Datasheet
303Kb / 2P
United Kingdom interchangeable blade
SMI-UK-5 CUI-SMI-UK-5 Datasheet
173Kb / 2P
UNITED KINGDOM BLADE
SMI-UK-3 CUI-SMI-UK-3_V01 Datasheet
728Kb / 2P
UNITED KINGDOM BLADE
06/20/2019
SMI-UK-5W CUI-SMI-UK-5W Datasheet
172Kb / 2P
UNITED KINGDOM BLADE
11/20/2020
logo
CUI Devices
AC-C7UK CUID-AC-C7UK Datasheet
270Kb / 2P
AC CORD, UNITED KINGDOM
10/25/2022
AC-C7-UK CUID-AC-C7-UK Datasheet
270Kb / 2P
AC CORD, UNITED KINGDOM
10/25/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com