Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDF016T Datasheet(PDF) 2 Page - PowerDynamics, Inc

Part # PDF016T
Description  3-PHASE, CHASSIS MOUNT WITH TERMINAL BLOCK EMI/RFI LINE FILTER.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PDF016T Datasheet(HTML) 2 Page - PowerDynamics, Inc

  PDF016T Datasheet HTML 1Page - PowerDynamics, Inc PDF016T Datasheet HTML 2Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Non-Medical Applications
SCHEMATIC
PDF Series Attenuation Table
Non-Medical Applications
Insertion loss in dB (50 Ohm circuit)
L1
L2
L3
L1'
L2'
L3'
E
E'
Cx
Cz
Cy
R
PDI
L
Cx
Cy
Cz
R
P/N
(mH x 3) (uF x 3) (uF x 4) (uF x 3)
(Ohms)
PDF016T
11
2.2
4.4
0.068
100K
PDF032T
10
2.2
4.4
0.068
100K
PDF050T
4.3
2.2
4.4
0.068
100K
PDF100T
4.3
2.2
4.4
0.068
100K
Comm.Mode(L-G) MHz
Diff. mode(L-L) MHz
.15 .5
1
5 10 30
.15 .5
1
5 10 30
85 90 80 73 69 71
80 98 79 78 70 57
84 88 80 62 68 64
75 94 78 75 70 57
80 86 80 70 69 40
73 101 90 90 89 61
75 88 78 64 60 47
63 80 74 70 60 40
Current
Rating (A)
16
32
50
100
54
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com