Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAZSERIES Datasheet(PDF) 13 Page - AVX Corporation

Part # TAZSERIES
Description  CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAZSERIES Datasheet(HTML) 13 Page - AVX Corporation

Back Button TAZSERIES Datasheet HTML 7Page - AVX Corporation TAZSERIES Datasheet HTML 8Page - AVX Corporation TAZSERIES Datasheet HTML 9Page - AVX Corporation TAZSERIES Datasheet HTML 10Page - AVX Corporation TAZSERIES Datasheet HTML 11Page - AVX Corporation TAZSERIES Datasheet HTML 12Page - AVX Corporation TAZSERIES Datasheet HTML 13Page - AVX Corporation TAZSERIES Datasheet HTML 14Page - AVX Corporation TAZSERIES Datasheet HTML 15Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
19
TAZ Series
CWR29 - MIL-PRF-55365/11 Established Reliability, COTS-Plus & Space Level
Parametric Specifications by Rating per MIL-PRF-55365/11
Typical Ripple Data by Rating
Cap
DC Rated
ESR @
DCL max
DF Max
Power
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
@ 120Hz
Voltage
100kHz
+25ºC
+85ºC
+125ºC
+25ºC
+(85/125)ºC
-55ºC
Dissipation
Ripple
Ripple
Ripple
Ripple
Ripple
Ripple
CWR29 P/N
AVX MIL & COTS-Plus P/N
AVX SRC9000 P/N
Case
μF
V
Ohms
(μA)
(μA)
(μA)
(%)
(%)
(%)
W
AAA
V
V
V
@ 25ºC
@ +85ºC
@ +25ºC
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
CWR29J^684*@B+
TAZ B 684 * 020 L # @ 0 ^ ++
TAZ B 684 * 020 L L @ 9 ^ ++
B
0.68
20
5.6
1
10
12
6
8
8
0.070
0.11
0.10
0.04
0.63
0.56
0.25
CWR29J^105*@A+
TAZ A 105 * 020 L # @ 0 ^ ++
TAZ A 105 * 020 L L @ 9 ^ ++
A
1
20
7.5
1
10
12
6
8
8
0.050
0.08
0.07
0.03
0.61
0.55
0.24
CWR29J^105*@B+
TAZ B 105 * 020 L # @ 0 ^ ++
TAZ B 105 * 020 L L @ 9 ^ ++
B
1
20
4.8
1
10
12
6
8
8
0.070
0.12
0.11
0.05
0.58
0.52
0.23
CWR29J^155*@B+
TAZ B 155 * 020 L # @ 0 ^ ++
TAZ B 155 * 020 L L @ 9 ^ ++
B
1.5
20
3.6
1
10
12
6
8
8
0.070
0.14
0.13
0.06
0.50
0.45
0.20
CWR29J^155*@C+
TAZ C 155 * 020 L # @ 0 ^ ++
TAZ C 155 * 020 L L @ 9 ^ ++
C
1.5
20
2.4
1
10
12
6
8
8
0.075
0.18
0.16
0.07
0.42
0.38
0.17
CWR29J^225*@B+
TAZ B 225 * 020 L # @ 0 ^ ++
TAZ B 225 * 020 L L @ 9 ^ ++
B
2.2
20
3.6
1
10
12
6
8
8
0.070
0.14
0.13
0.06
0.50
0.45
0.20
CWR29J^225*@D+
TAZ D 225 * 020 L # @ 0 ^ ++
TAZ D 225 * 020 L L @ 9 ^ ++
D
2.2
20
1.7
1
10
12
6
8
8
0.080
0.22
0.20
0.09
0.37
0.33
0.15
CWR29J^335*@D+
TAZ D 335 * 020 L # @ 0 ^ ++
TAZ D 335 * 020 L L @ 9 ^ ++
D
3.3
20
2
1
10
12
6
8
8
0.080
0.20
0.18
0.08
0.40
0.36
0.16
CWR29J^335*@E+
TAZ E 335 * 020 L # @ 0 ^ ++
TAZ E 335 * 020 L L @ 9 ^ ++
E
3.3
20
1.2
1
10
12
6
8
8
0.090
0.27
0.25
0.11
0.33
0.30
0.13
CWR29J^475*@E+
TAZ E 475 * 020 L # @ 0 ^ ++
TAZ E 475 * 020 L L @ 9 ^ ++
E
4.7
20
1.7
1
10
12
6
8
8
0.090
0.23
0.21
0.09
0.39
0.35
0.16
CWR29J^685*@E+
TAZ E 685 * 020 L # @ 0 ^ ++
TAZ E 685 * 020 L L @ 9 ^ ++
E
6.8
20
1.5
2
20
24
6
8
8
0.090
0.24
0.22
0.10
0.37
0.33
0.15
CWR29J^685*@F+
TAZ F 685 * 020 L # @ 0 ^ ++
TAZ F 685 * 020 L L @ 9 ^ ++
F
6.8
20
0.7
2
20
24
6
8
8
0.100
0.38
0.34
0.15
0.26
0.24
0.11
CWR29J^106*@E+
TAZ E 106 * 020 L # @ 0 ^ ++
TAZ E 106 * 020 L L @ 9 ^ ++
E
10
20
1.5
2
20
24
6
8
8
0.090
0.24
0.22
0.10
0.37
0.33
0.15
CWR29J^106*@F+
TAZ F 106 * 020 L # @ 0 ^ ++
TAZ F 106 * 020 L L @ 9 ^ ++
F
10
20
0.8
2
20
24
6
8
8
0.100
0.35
0.32
0.14
0.28
0.25
0.11
CWR29J^156*@F+
TAZ F 156 * 020 L # @ 0 ^ ++
TAZ F 156 * 020 L L @ 9 ^ ++
F
15
20
0.8
3
30
36
6
8
8
0.100
0.35
0.32
0.14
0.28
0.25
0.11
CWR29J^156*@G+
TAZ G 156 * 020 L # @ 0 ^ ++
TAZ G 156 * 020 L L @ 9 ^ ++
G
15
20
0.275
3
30
36
6
8
8
0.125
0.67
0.61
0.27
0.19
0.17
0.07
CWR29J^226*@G+
TAZ G 226 * 020 L # @ 0 ^ ++
TAZ G 226 * 020 L L @ 9 ^ ++
G
22
20
0.625
4
40
48
6
8
8
0.125
0.45
0.40
0.18
0.28
0.25
0.11
CWR29J^226*@H+
TAZ H 226 * 020 L # @ 0 ^ ++
TAZ H 226 * 020 L L @ 9 ^ ++
H
22
20
0.18
4
40
48
6
8
8
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29J^336*@H+
TAZ H 336 * 020 L # @ 0 ^ ++
TAZ H 336 * 020 L L @ 9 ^ ++
H
33
20
0.18
6
60
72
8
10
10
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29J^476*@H+
TAZ H 476 * 020 L # @ 0 ^ ++
TAZ H 476 * 020 L L @ 9 ^ ++
H
47
20
0.18
10
100
120
8
10
10
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29J^476*@X+
TAZ X 476 * 020 L # @ 0 ^ ++
TAZ X 476 * 020 L L @ 9 ^ ++
X
47
20
0.11
10
100
120
8
10
10
0.200
1.35
1.21
0.54
0.15
0.13
0.06
CWR29K^334*@A+
TAZ A 334 * 025 L # @ 0 ^ ++
TAZ A 334 * 025 L L @ 9 ^ ++
A
0.33
25
7.5
1
10
12
6
8
8
0.050
0.08
0.07
0.03
0.61
0.55
0.24
CWR29K^474*@A+
TAZ A 474 * 025 L # @ 0 ^ ++
TAZ A 474 * 025 L L @ 9 ^ ++
A
0.47
25
7.5
1
10
12
6
8
8
0.050
0.08
0.07
0.03
0.61
0.55
0.24
CWR29K^684*@B+
TAZ B 684 * 025 L # @ 0 ^ ++
TAZ B 684 * 025 L L @ 9 ^ ++
B
0.68
25
4
1
10
12
6
8
8
0.070
0.13
0.12
0.05
0.53
0.48
0.21
CWR29K^105*@B+
TAZ B 105 * 025 L # @ 0 ^ ++
TAZ B 105 * 025 L L @ 9 ^ ++
B
1
25
4
1
10
12
6
8
8
0.070
0.13
0.12
0.05
0.53
0.48
0.21
CWR29K^105*@C+
TAZ C 105 * 025 L # @ 0 ^ ++
TAZ C 105 * 025 L L @ 9 ^ ++
C
1
25
2.6
1
10
12
6
8
8
0.075
0.17
0.15
0.07
0.44
0.40
0.18
CWR29K^155*@D+
TAZ D 155 * 025 L # @ 0 ^ ++
TAZ D 155 * 025 L L @ 9 ^ ++
D
1.5
25
1.7
1
10
12
6
8
8
0.080
0.22
0.20
0.09
0.37
0.33
0.15
CWR29K^225*@D+
TAZ D 225 * 025 L # @ 0 ^ ++
TAZ D 225 * 025 L L @ 9 ^ ++
D
2.2
25
2
1
10
12
6
8
8
0.080
0.20
0.18
0.08
0.40
0.36
0.16
CWR29K^225*@E+
TAZ E 225 * 025 L # @ 0 ^ ++
TAZ E 225 * 025 L L @ 9 ^ ++
E
2.2
25
1
1
10
12
6
8
8
0.090
0.30
0.27
0.12
0.30
0.27
0.12
CWR29K^335*@E+
TAZ E 335 * 025 L # @ 0 ^ ++
TAZ E 335 * 025 L L @ 9 ^ ++
E
3.3
25
1.2
1
10
12
6
8
8
0.090
0.27
0.25
0.11
0.33
0.30
0.13
CWR29K^475*@F+
TAZ F 475 * 025 L # @ 0 ^ ++
TAZ F 475 * 025 L L @ 9 ^ ++
F
4.7
25
0.7
2
20
24
6
8
8
0.100
0.38
0.34
0.15
0.26
0.24
0.11
CWR29K^685*@F+
TAZ F 685 * 025 L # @ 0 ^ ++
TAZ F 685 * 025 L L @ 9 ^ ++
F
6.8
25
0.8
2
20
24
6
8
8
0.100
0.35
0.32
0.14
0.28
0.25
0.11
CWR29K^685*@G+
TAZ G 685 * 025 L # @ 0 ^ ++
TAZ G 685 * 025 L L @ 9 ^ ++
G
6.8
25
0.3
2
20
24
6
8
8
0.125
0.65
0.58
0.26
0.19
0.17
0.08
CWR29K^106*@G+
TAZ G 106 * 025 L # @ 0 ^ ++
TAZ G 106 * 025 L L @ 9 ^ ++
G
10
25
0.35
3
30
36
6
8
8
0.125
0.60
0.54
0.24
0.21
0.19
0.08
CWR29K^156*@G+
TAZ G 156 * 025 L # @ 0 ^ ++
TAZ G 156 * 025 L L @ 9 ^ ++
G
15
25
0.35
4
40
48
6
8
8
0.125
0.60
0.54
0.24
0.21
0.19
0.08
CWR29K^156*@H+
TAZ H 156 * 025 L # @ 0 ^ ++
TAZ H 156 * 025 L L @ 9 ^ ++
H
15
25
0.2
4
40
48
6
8
8
0.150
0.87
0.78
0.35
0.17
0.16
0.07
CWR29K^226*@G+
TAZ G 226 * 025 L # @ 0 ^ ++
TAZ G 226 * 025 L L @ 9 ^ ++
G
22
25
0.35
6
60
72
6
8
8
0.125
0.60
0.54
0.24
0.21
0.19
0.08
CWR29K^226*@H+
TAZ H 226 * 025 L # @ 0 ^ ++
TAZ H 226 * 025 L L @ 9 ^ ++
H
22
25
0.18
6
60
72
6
8
8
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29K^336*@H+
TAZ H 336 * 025 L # @ 0 ^ ++
TAZ H 336 * 025 L L @ 9 ^ ++
H
33
25
0.18
10
100
120
8
10
10
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29M^224*@A+
TAZ A 224 * 035 L # @ 0 ^ ++
TAZ A 224 * 035 L L @ 9 ^ ++
A
0.22
35
12
1
10
12
6
8
8
0.050
0.06
0.06
0.03
0.77
0.70
0.31
CWR29M^334*@A+
TAZ A 334 * 035 L # @ 0 ^ ++
TAZ A 334 * 035 L L @ 9 ^ ++
A
0.33
35
12
1
10
12
6
8
8
0.050
0.06
0.06
0.03
0.77
0.70
0.31
CWR29M^474*@B+
TAZ B 474 * 035 L # @ 0 ^ ++
TAZ B 474 * 035 L L @ 9 ^ ++
B
0.47
35
6.8
1
10
12
6
8
8
0.070
0.10
0.09
0.04
0.69
0.62
0.28
CWR29M^684*@C+
TAZ C 684 * 035 L # @ 0 ^ ++
TAZ C 684 * 035 L L @ 9 ^ ++
C
0.68
35
4
1
10
12
6
8
8
0.075
0.14
0.12
0.05
0.55
0.49
0.22
CWR29M^105*@D+
TAZ D 105 * 035 L # @ 0 ^ ++
TAZ D 105 * 035 L L @ 9 ^ ++
D
1
35
2.2
1
10
12
6
8
8
0.080
0.19
0.17
0.08
0.42
0.38
0.17
CWR29M^155*@E+
TAZ E 155 * 035 L # @ 0 ^ ++
TAZ E 155 * 035 L L @ 9 ^ ++
E
1.5
35
1.3
1
10
12
6
8
8
0.090
0.26
0.24
0.11
0.34
0.31
0.14
CWR29M^335*@F+
TAZ F 335 * 035 L # @ 0 ^ ++
TAZ F 335 * 035 L L @ 9 ^ ++
F
3.3
35
0.7
1
10
12
6
8
8
0.100
0.38
0.34
0.15
0.26
0.24
0.11
CWR29M^475*@G+
TAZ G 475 * 035 L # @ 0 ^ ++
TAZ G 475 * 035 L L @ 9 ^ ++
G
4.7
35
0.375
2
20
24
6
8
8
0.125
0.58
0.52
0.23
0.22
0.19
0.09
CWR29M^685*@G+
TAZ G 685 * 035 L # @ 0 ^ ++
TAZ G 685 * 035 L L @ 9 ^ ++
G
6.8
35
0.375
3
30
36
6
8
8
0.125
0.58
0.52
0.23
0.22
0.19
0.09
CWR29M^685*@H+
TAZ H 685 * 035 L # @ 0 ^ ++
TAZ H 685 * 035 L L @ 9 ^ ++
H
6.8
35
0.5
3
30
36
6
8
8
0.150
0.55
0.49
0.22
0.27
0.25
0.11
CWR29M^106*@H+
TAZ H 106 * 035 L # @ 0 ^ ++
TAZ H 106 * 035 L L @ 9 ^ ++
H
10
35
0.5
4
40
48
8
10
10
0.150
0.55
0.49
0.22
0.27
0.25
0.11
CWR29N^104*@A+
TAZ A 104 * 050 L # @ 0 ^ ++
TAZ A 104 * 050 L L @ 9 ^ ++
A
0.1
50
12
1
10
12
6
8
8
0.050
0.06
0.06
0.03
0.77
0.70
0.31
CWR29N^154*@A+
TAZ A 154 * 050 L # @ 0 ^ ++
TAZ A 154 * 050 L L @ 9 ^ ++
A
0.15
50
12
1
10
12
6
8
8
0.050
0.06
0.06
0.03
0.77
0.70
0.31
RATING & PART NUMBER REFERENCE
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com