Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD846AN Datasheet(PDF) 1 Page - Analog Devices

Part # AD846AN
Description  450 V/us, Precision, Current-Feedback Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD846AN Datasheet(HTML) 1 Page - Analog Devices

  AD846AN Datasheet HTML 1Page - Analog Devices AD846AN Datasheet HTML 2Page - Analog Devices AD846AN Datasheet HTML 3Page - Analog Devices AD846AN Datasheet HTML 4Page - Analog Devices AD846AN Datasheet HTML 5Page - Analog Devices AD846AN Datasheet HTML 6Page - Analog Devices AD846AN Datasheet HTML 7Page - Analog Devices AD846AN Datasheet HTML 8Page - Analog Devices AD846AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD846
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
450 V/ s, Precision,
Current-Feedback Op Amp
CONNECTION DIAGRAMS
FEATURES
AC PERFORMANCE
Small Signal Bandwidth: 80 MHz (AV = –1)
Slew Rate: 450 V/ s
Full Power Bandwidth: 6.8 MHz at 20 V p-p,
RL = 500
Fast Settling: for 10 V Step: 110 ns to 0.01%,
80 ns to 0.1%
Differential Gain: <0.01% @ 4.4 MHz
Differential Phase: <0.028 @ 4.4 MHz
Total Harmonic Distortion (THD): 0.0005% @ 100 kHz
Open-Loop Transimpedance: 200 M
Input Voltage Noise: 2 nV/
√Hz
DC PERFORMANCE
Input Offset Voltage: 75
V max (B Grade)
Input Offset Drift: 3.5
V/ C max (B Grade)
Quiescent Supply Current: 6.5 mA max
APPLICATIONS
High Speed DAC Buffers
Multiflash ADC Error Amplifiers
Flash ADC Buffers
Coaxial Cable Drivers
High Performance Audio Circuitry
Available in Plastic Mini-DIP, Hermetic Cerdip, and
Plastic SOIC (A) Package
MIL-STD-883B Part Available
PRODUCT DESCRIPTION
The AD846 is a monolithic, very high speed operational ampli-
fier offering high performance. Although technically classed as a
current-feedback or transimpedance amplifier, it may be used
in much the same way as traditional op amps while providing
significant performance benefits. Employing Analog Devices’
junction isolated complementary bipolar (CB) process, the AD846
achieves true “12-bit” (0.01%) precision on critical ac and dc
parameters, a level of performance unmatched by amplifiers
fabricated using either the dielectrically isolated (DI) or other
bipolar processes.
The AD846 offers significant advantages over conventional
high speed operational amplifiers. It maintains a nearly con-
stant bandwidth and settling time to 0.01% over a wide range
of closed-loop gains. This makes the AD846 ideal for amplifying
the residue in multiple-pass analog-to-digital converters.
Other advantages include: low input errors and high open-loop
transresistance (200 M
Ω) into a 500 Ω load, ensuring true
12-bit dc accuracy for closed-loop gains from –1 to gains
greater than –100. This combination of ac and dc perfor-
mance makes the AD846 an excellent choice for buffering
precision high speed DACs and flash ADCs.
Plastic Mini-DIP (N) Package
and
Cerdip (Q) Package
The AD846 is available in three performance grades. The AD846A
and AD846B are rated over the industrial temperature range
of –40
°C to +85°C. The AD846S is rated over the full mili-
tary temperature range of –55
°C to +125°C and is available
processed to MIL-STD-883B, Rev C.
The AD846 is available in two types of 8-lead packages: plastic
mini-DIP and hermetic cerdip. The AD846AR-16 is available in
the 16-lead SOIC package. “A” and “S” grade chips are also
available.
PRODUCT HIGHLIGHTS
1. The AD846 achieves settling times of 110 ns to 0.01%
for gains of –1 to –10, with a 450 V/
µs slew rate, while
consuming only 5 mA of supply current.
2. For closed-loop gains of –1 to –100, the high speed perfor-
mance of the AD846 is achieved without sacrificing full 12-bit
dc precision.
3. The AD846 is well suited to line driver and video buffer
applications where the properties of low distortion and high
slew rate are required.
SOIC (R) Package
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NC = NO CONNECT
NC
NC
–INPUT
NC
+INPUT
NC
–VS
NC
NC
NC
+VS
NC
OUTPUT
COMPENSATION
NC
NC
TOP VIEW
(Not to Scale)
AD846
–
+


Similar Part No. - AD846AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8460 AD-AD8460 Datasheet
1Mb / 75P
110 V High Voltage, 1 A High Current, Arbitrary Waveform Generator with Integrated 14-Bit High Speed DAC
Rev.0
AD8460BSVZ AD-AD8460BSVZ Datasheet
1Mb / 75P
110 V High Voltage, 1 A High Current, Arbitrary Waveform Generator with Integrated 14-Bit High Speed DAC
Rev.0
AD8460BSVZ-RL AD-AD8460BSVZ-RL Datasheet
1Mb / 75P
110 V High Voltage, 1 A High Current, Arbitrary Waveform Generator with Integrated 14-Bit High Speed DAC
Rev.0
AD8465 AD-AD8465 Datasheet
322Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparator
REV. 0
AD8465 AD-AD8465 Datasheet
3Mb / 34P
Four-Channel Transimpedance Amplifier with Output Multiplexing
Rev. 0
More results

Similar Description - AD846AN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC446 NSC-CLC446 Datasheet
157Kb / 12P
400MHz, 50mW Current-Feedback Op Amp
logo
Analog Devices
AD812 AD-AD812 Datasheet
372Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV.B
logo
Linear Technology
LT1357 LINER-LT1357 Datasheet
288Kb / 12P
25MHz, 600V/us Op Amp
logo
ON Semiconductor
NCS2511 ONSEMI-NCS2511 Datasheet
183Kb / 12P
1 GHz Current Feedback Op Amp
May, 2006 ??Rev. 2
NCS2510 ONSEMI-NCS2510_06 Datasheet
121Kb / 12P
1.4 GHz Current Feedback Op Amp
March, 2006 ??Rev. 1
logo
Analog Devices
AD844 AD-AD844_07 Datasheet
250Kb / 16P
60 MHz, 2000 V/us Monolithic Op Amp
REV. D
AD812ANZ AD-AD812ANZ Datasheet
358Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV. B
AD812ARZ AD-AD812ARZ Datasheet
358Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV. B
AD846 AD-AD846_15 Datasheet
311Kb / 12P
450 V/ms, Precision, Current-Feedback Op Amp
REV. B
AD812 AD-AD812_15 Datasheet
376Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com