Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8152 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MSC8152
Description  Dual-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8152 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MSC8152 Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC8152 Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC8152 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC8152 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8152 Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC8152 Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC8152 Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC8152 Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC8152 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
MSC8152 Dual-Core Digital Signal Processor Data Sheet, Rev. 5
Electrical Characteristics
Freescale Semiconductor
34
2.5.3.4
DC-Level Requirements for SGMII Configurations
Note:
Specifications are valid at the recommended operating conditions listed in Table 3
Table 15 describes the SGMII SerDes transmitter AC-coupled DC electrical characteristics. Transmitter DC characteristics are
measured at the transmitter outputs (SR[1–2]_TX[n] and SR[1–2]_TX[n]) as shown in Figure 10.
Table 14. Serial RapidIO Receiver DC Specifications
Parameter
Symbol
Min
Typical
Max
Units
Notes
Differential input voltage
VIN
200
—
1600
mVp-p
1
Notes:
1.
Measured at receiver.
Table 15. SGMII DC Transmitter Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Output high voltage
VOH
——
XVDD_SRDS-Typ/2 + |VOD|-max/2
mV
1
Output low voltage
VOL
XVDD_SRDS-Typ/2 – |VOD|-max/2
—
—
mV
1
Output differential
voltage (XVDD-Typ at
1.0 V)
|VOD|
323
500
725
mV
2,3,4
296
459
665
2,3,5
269
417
604
2,3,6
243
376
545
2,3,7
215
333
483
2,3,8
189
292
424
2,3,9
162
250
362
2,3,10
Output impedance
(single-ended)
RO
40
50
60
Ω
—
Notes:
1.
This does not align to DC-coupled SGMII. XVDD_SRDS2-Typ = 1.1 V.
2.
The |VOD| value shown in the table assumes full multitude by setting srd_smit_lvl as 000 and the following transmit
equalization setting in the XMITEQAB (for lanes A and B) or XMITEQEF (for lanes E and F) bit field of Control Register:
• The MSB (bit 0) of the above bit field is set to zero (selecting the full VDD-DIFF-p-p amplitude which is power up default);
• The LSB (bit [1–3]) of the above bit field is set based on the equalization settings listed in notes 4 through 10.
3.
The |VOD| value shown in the Typ column is based on the condition of XVDD_SRDS2-Typ = 1.0 V, no common mode offset
variation (VOS =500mV), SerDes transmitter is terminated with 100-Ω differential load between
4.
Equalization setting: 1.0x: 0000.
5.
Equalization setting: 1.09x: 1000.
6.
Equalization setting: 1.2x: 0100.
7.
Equalization setting: 1.33x: 1100.
8.
Equalization setting: 1.5x: 0010.
9.
Equalization setting: 1.71x: 1010.
10. Equalization setting: 2.0x: 0110.
11. |VOD| = |VSR[1–2]_TXn– VSR[1–2]_TXn|. |VOD| is also referred to as output differential peak voltage. VTX-DIFFp-p = 2*|VOD|.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com