Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G3VM-51PR Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G3VM-51PR
Description  Smallest Class in market, USOP Package MOS FET Relays is designed to exhibit a fast rise time and reduce signal degradation.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-51PR Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3VM-51PR Datasheet HTML 1Page - Omron Electronics LLC G3VM-51PR Datasheet HTML 2Page - Omron Electronics LLC G3VM-51PR Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
G3VM-51PR
MOS FET Relays
G
3
V
M
5
1
P
R
I
U
S
O
P
■Recommended Operating Conditions
Use the G3VM under the following conditions so that the Relay will operate properly.
■Engineering Data
■Safety Precautions
• Refer to "Common Precautions" for all G3VM models.
Item
Symbol
Minimum
Typical
Maximum
Unit
Load voltage (AC peak/DC)
VDD
−−
40
V
Operating LED forward current
IF
57.5
20
mA
Continuous load current (AC peak/DC)
IO
−−
300
mA
Ambient operating temperature
Ta
−20
−
65
°C
LED forward current vs.
Ambient temperature
Continuous load current vs.
Ambient temperature
LED forward current vs.
LED forward voltage
Continuous load current vs.
On-state voltage
On-state resistance vs.
Ambient temperature
Trigger LED forward current vs.
Ambient temperature
Turn ON, Turn OFF time vs.
LED forward current
Turn ON, Turn OFF time vs.
Ambient temperature
Current leakage vs. Load voltage
Output terminal capacitance
COFF/COFF(ov) vs. Load voltage
IF - Ta
Ambient temperature Ta (°C)
0
10
20
30
40
50
60
-40
-20
0
20
40
60
80
100
IO - Ta
Ambient temperature Ta (°C)
0
100
200
300
400
-40
-20
0
20
40
60
80
100
IF - VF
LED forward voltage VF (V)
0.1
1
10
100
0.8
1
1.2
1.4
1.6
Ta = 25
°C
IO - VON
On-state voltage VON (V)
-400
-300
-200
-100
0
100
200
300
400
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
Ta = 25°C
IF=5mA
t<1s
RON - Ta
Ambient temperature Ta (°C)
0
1
2
3
-40
-20
0
20
40
60
80
100
Io=300mA
IF=5mA
t<1s
IFT - Ta
Ambient temperature Ta (°C)
0
1
2
-40
-20
0
20
40
60
80
100
Io=100mA
t<1s
tON, tOFF - IF
LED forward current IF (mA)
10
100
1000
10000
VDD=20V
RL=200
Ω
Ta=25°C
1
10
100
t OFF
t ON
tON, tOFF - Ta
Ambient temperature Ta (°C)
10
100
1000
-40
-20
0
20
40
60
80
100
VDD=20V
RL=200
Ω
IF=5mA
tOFF
tON
ILEAK - VOFF
Load voltage VOFF (v)
0
10
20
30
40
50
0
10
20
30
40
50
Ta = 25°C
COFF - VOFF
Load voltage VOFF (v)
0
0.2
0.4
0.6
0.8
1
1.2
0
10
20
30
40
Ta = 25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com