Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8532 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8532
Description  Low Cost, 250 mA Output Single-Supply Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8532 Datasheet(HTML) 4 Page - Analog Devices

  AD8532 Datasheet HTML 1Page - Analog Devices AD8532 Datasheet HTML 2Page - Analog Devices AD8532 Datasheet HTML 3Page - Analog Devices AD8532 Datasheet HTML 4Page - Analog Devices AD8532 Datasheet HTML 5Page - Analog Devices AD8532 Datasheet HTML 6Page - Analog Devices AD8532 Datasheet HTML 7Page - Analog Devices AD8532 Datasheet HTML 8Page - Analog Devices AD8532 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8531/AD8532/AD8534
REV. D
–4–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage (VS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND to VS
Differential Input Voltage
2
. . . . . . . . . . . . . . . . . . . . . . .
±6 V
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Operating Temperature Range . . . . . . . . . . . –40
∞C to +85∞C
Junction Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300
∞C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; the functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2For supplies less than +6 volts, the differential input voltage is equal to
±VS.
2.5
2
1.5
1
0.5
0
020
40
60
80
100
120
140
160
180
200
RLOAD –
+VOH
–VOL
Figure 1. Output Voltage vs. Load. VS =
±2.5 V, RL Is Connected to GND (0 V)
PACKAGE INFORMATION
Package Type
JA*
JC
Unit
5-Lead SC70 (KS)
376
126
∞C/W
5-Lead SOT-23 (RT)
230
146
∞C/W
8-Lead SOIC (RN)
158
43
∞C/W
8-Lead MSOP (RM)
210
45
∞C/W
8-Lead TSSOP (RU)
240
43
∞C/W
14-Lead SOIC (RN)
120
36
∞C/W
14-Lead TSSOP (RU)
240
43
∞C/W
*
qJA is specified for the worst case conditions, i.e., qJA is specified for device in socket
for P-DIP packages;
qJA is specified for device soldered onto a circuit board for
surface-mount packages.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding Information
AD8531AKS
*
–40
∞C to +85∞C
5-Lead SC70
KS-5
A7B
AD8531AR
–40
∞C to +85∞C
8-Lead SOIC
RN-8
AD8531ART
*
–40
∞C to +85∞C
5-Lead SOT-23
RT-5
A7A
AD8532AR
–40
∞C to +85∞C
8-Lead SOIC
RN-8
AD8532ARM
*
–40
∞C to +85∞C
8-Lead MSOP
RM-8
ARA
AD8532ARU
*
–40
∞C to +85∞C
8-Lead TSSOP
RU-8
AD8534AR
–40
∞C to +85∞C
14-Lead SOIC
RN-14
AD8534ARU
*
–40
∞C to +85∞C
14-Lead TSSOP
RU-14
*Available in reels only.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8531/AD8532/AD8534 features proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com