Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8542 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8542
Description  General Purpose CMOS Rail-to-Rail Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8542 Datasheet(HTML) 4 Page - Analog Devices

  AD8542 Datasheet HTML 1Page - Analog Devices AD8542 Datasheet HTML 2Page - Analog Devices AD8542 Datasheet HTML 3Page - Analog Devices AD8542 Datasheet HTML 4Page - Analog Devices AD8542 Datasheet HTML 5Page - Analog Devices AD8542 Datasheet HTML 6Page - Analog Devices AD8542 Datasheet HTML 7Page - Analog Devices AD8542 Datasheet HTML 8Page - Analog Devices AD8542 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
–4–
REV. D
AD8541/AD8542/AD8544–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
16
mV
–40
∞C £ TA £ +125∞C7
mV
Input Bias Current
IB
460
pA
–40
∞C £ TA £ +85∞C
100
pA
–40
∞C £ TA £ +125∞C
1,000
pA
Input Offset Current
IOS
0.1
30
pA
–40
∞C £ TA £ +85∞C50
pA
–40
∞C £ TA £ +125∞C
500
pA
Input Voltage Range
0
5
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 5 V
40
48
dB
–40
∞C £ TA £ +125∞C38
dB
Large Signal Voltage Gain
AVO
RL = 100 k
W , VO = 0.5 V to 2.2 V
20
40
V/mV
–40
∞C £ TA £ +85∞C10
V/mV
–40
∞C £ TA £ +125∞C2
V/mV
Offset Voltage Drift
DVOS/DT
–40
∞C £ TA £ +125∞C4
mV/∞C
Bias Current Drift
DIB/DT
–40
∞C £ TA £ +85∞C
100
fA/
∞C
–40
∞C £ TA £ +125∞C
2,000
fA/
∞C
Offset Current Drift
DIOS/DT
–40
∞C £ TA £ +125∞C25
fA/
∞C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1 mA
4.9
4.965
V
–40
∞C £ TA £ +125∞C
4.875
V
Output Voltage Low
VOL
IL = 1 mA
25
100
mV
–40
∞C £ TA £ +125∞C
125
mV
Output Current
IOUT
VOUT = VS – 1 V
30
mA
±ISC
±60
mA
Closed-Loop Output Impedance
ZOUT
f = 200 kHz, AV = 1
45
W
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.5 V to 6 V
65
76
dB
–40
∞C £ TA £ +125∞C60
dB
Supply Current/Amplifier
ISY
VO = 0 V
45
65
mA
–40
∞C £ TA £ +125∞C85
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 100 k
W, CL = 200 pF
0.45
0.92
V/
ms
Full-Power Bandwidth
BWP
1% Distortion
70
kHz
Settling Time
tS
To 0.1% (1 V Step)
6
ms
Gain Bandwidth Product
GBP
1,000
kHz
Phase Margin
Fo67
Degrees
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
42
nV/
÷Hz
en
f = 10 kHz
38
nV/
÷Hz
Current Noise Density
in
<0.1
pA/
÷Hz
Specifications subject to change without notice.
(VS = 5.0 V, VCM = 2.5 V, TA = 25 C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com