Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM44DM0888LBA Datasheet(PDF) 13 Page - Eorex Corporation

Part # EM44DM0888LBA
Description  JEDEC Standard VDD/VDDQ
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM44DM0888LBA Datasheet(HTML) 13 Page - Eorex Corporation

Back Button EM44DM0888LBA Datasheet HTML 9Page - Eorex Corporation EM44DM0888LBA Datasheet HTML 10Page - Eorex Corporation EM44DM0888LBA Datasheet HTML 11Page - Eorex Corporation EM44DM0888LBA Datasheet HTML 12Page - Eorex Corporation EM44DM0888LBA Datasheet HTML 13Page - Eorex Corporation EM44DM0888LBA Datasheet HTML 14Page - Eorex Corporation EM44DM0888LBA Datasheet HTML 15Page - Eorex Corporation EM44DM0888LBA Datasheet HTML 16Page - Eorex Corporation EM44DM0888LBA Datasheet HTML 17Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
EM44DM0888LBA
Feb. 2012
13/29
www.eorex.com
AC Operating Test Characteristics (Continued)
(VDD=1.8V±0.1V)
Symbol
Parameter
-187 (DDR2-1066)
-25 (DDR2-800)
Units
Min.
Max.
Min.
Max.
tRPST
Read Postamble
0.4
0.6
0.4
0.6
tCK
tRAS
Active to Precharge command period
45
70k
45
70k
ns
tRC
Active to Active command period
57.5
-
57.5
-
ns
tRFC
Auto Refresh Row Cycle Time
127.5
-
127.5
-
ns
tRCD
Active to Read or Write delay
12.5
-
12.5
-
ns
tRP
Precharge command period
12.5
-
12.5
-
ns
tRRD
Active bank A to B command period
7.5
-
7.5
-
ns
tCCD
Column address to column address delay
2
-
2
-
tCK
tWR
Write recover time
15
-
15
-
ns
tDAL
Auto precharge write recovery + precharge
time
tRP + tWR
-
tRP + tWR
-
ns
tXARD
Exit active power-down mode to read
command (fast exit)
3
-
2
-
tCK
tXARDS
Exit active power-down mode to read
command (slow exit)
10-AL
-
8-AL
-
tCK
tXP
Exit precharge power-down to any non-read
command
3
-
2
-
tCK
tWTR
Internal write to read command delay
7.5
-
7.5
-
ns
tRTP
Internal read to precharge delay
7.5
-
7.5
-
ns
tXSNR
Exit self Refresh to non-read command
tRFC +10
-
tRFC +10
-
ns
tXSRD
Exit self Refresh to read command
200
-
200
-
tCK
tREFI
Average periodic refresh interval
-
7.8
-
7.8
us
tCKE
CKE minimum pulse width
3
-
3
-
tCK
tFAW
Four active to Row active delay (same bank)
35
35
ns
tOIT
OCD drive mode output delay
0
12
0
12
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com