Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8532AR Datasheet(PDF) 13 Page - Analog Devices

Part # AD8532AR
Description  Low Cost, 250 mA Output Single-Supply Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8532AR Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8532AR Datasheet HTML 8Page - Analog Devices AD8532AR Datasheet HTML 9Page - Analog Devices AD8532AR Datasheet HTML 10Page - Analog Devices AD8532AR Datasheet HTML 11Page - Analog Devices AD8532AR Datasheet HTML 12Page - Analog Devices AD8532AR Datasheet HTML 13Page - Analog Devices AD8532AR Datasheet HTML 14Page - Analog Devices AD8532AR Datasheet HTML 15Page - Analog Devices AD8532AR Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD8531/AD8532/AD8534
REV. D
–13–
Direct Access Arrangement for Telephone Line Interface
Figure 42 illustrates a 5 V only transmit/receive telephone line
interface for 600
W transmission systems. It allows full duplex
transmission of signals on a transformer coupled 600
W line in a
differential manner. Amplifier A1 provides gain that can be
adjusted to meet the modem output drive requirements. Both
A1 and A2 are configured to apply the largest possible signal on
a single supply to the transformer. Because of the high output
current drive and low dropout voltage of the AD8531/AD8532/
AD8534s, the largest signal available on a single 5 V supply is
approximately 4.5 V p-p into a 600
W transmission system.
Amplifier A3 is configured as a difference amplifier for two
reasons: (1) It prevents the transmit signal from interfering with
the receive signal and (2) it extracts the receive signal from the
transmission line for amplification by A4. A4’s gain can be
adjusted in the same manner as A1’s to meet the modem’s input
signal requirements. Standard resistor values permit the use of
SIP (Single In-line Package) format resistor arrays.
6.2V
6.2V
TRANSMIT
TxA
RECEIVE
RxA
C1
0.1 F
R1
10k
R2
9.09k
2k
P1
Tx GAIN
ADJUST
A1
A2
A3
A4
A1, A2 = 1/2 AD8532
A3, A4 = 1/2 AD8532
R3
360
1:1
T1
TO TELEPHONE
LINE
1
2
3
7
6
5
2
3
1
6
5
7
10 F
R7
10k
R8
10k
R5
10k
R6
10k
R9
10k
R14
14.3k
R10
10k
R11
10k
R12
10k
R13
10k
C2
0.1 F
P2
Rx GAIN
ADJUST
2k
ZO
600
5V DC
MIDCOM
671-8005
Figure 42. A Single-Supply Direct Access Arrangement
for Modems



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com