Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8568 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8568
Description  16 V Rail-to-Rail Buffer Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8568 Datasheet(HTML) 3 Page - Analog Devices

  AD8568 Datasheet HTML 1Page - Analog Devices AD8568 Datasheet HTML 2Page - Analog Devices AD8568 Datasheet HTML 3Page - Analog Devices AD8568 Datasheet HTML 4Page - Analog Devices AD8568 Datasheet HTML 5Page - Analog Devices AD8568 Datasheet HTML 6Page - Analog Devices AD8568 Datasheet HTML 7Page - Analog Devices AD8568 Datasheet HTML 8Page - Analog Devices AD8568 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
–3–
AD8568/AD8569/AD8570
REV. A
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage (VS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . –0.5 V to VS +0.5 V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . VS
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Junction Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Package Type
JA
1
JC
JB
2
Unit
6-Lead SOT-23 (RT)
250
140
°C/W
10-Lead MSOP (RM)
200
44
°C/W
32-Lead LFCSP (CP)
35
13
°C/W
NOTES
1
θ
JA is specified for worst case conditions, i.e.,
θ
JA is specified for device soldered
onto a circuit board for surface mount packages.
2
JB is applied for calculating the junction temperature by reference to the board
temperature.
ORDERING GUIDE
Temperature
Package
Package
Branding
Model*
Range
Description
Option
Information
AD8568ART
–40
°C to +85°C
6-Lead SOT-23
RT-6
AWA
AD8569ARM
–40
°C to +85°C
10-Lead MSOP
RM-10
AXA
AD8570ACP
–40
°C to +85°C
32-Lead LFCSP
CP-32
*Available in reels only.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8568/AD8569/AD8570 features proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com