Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8554AR Datasheet(PDF) 3 Page - Analog Devices

Part # AD8554AR
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8554AR Datasheet(HTML) 3 Page - Analog Devices

  AD8554AR Datasheet HTML 1Page - Analog Devices AD8554AR Datasheet HTML 2Page - Analog Devices AD8554AR Datasheet HTML 3Page - Analog Devices AD8554AR Datasheet HTML 4Page - Analog Devices AD8554AR Datasheet HTML 5Page - Analog Devices AD8554AR Datasheet HTML 6Page - Analog Devices AD8554AR Datasheet HTML 7Page - Analog Devices AD8554AR Datasheet HTML 8Page - Analog Devices AD8554AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
–3–
REV. 0
AD8551/AD8552/AD8554
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
15
µV
–40
°C ≤ T
A
≤ +125°C10
µV
Input Bias Current
IB
10
50
pA
–40
°C ≤ T
A
≤ +125°C
1.0
1.5
nA
Input Offset Current
IOS
10
50
pA
–40
°C ≤ T
A
≤ +125°C
150
200
pA
Input Voltage Range
0
2.7
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to +2.7 V
115
130
dB
–40
°C ≤ T
A
≤ +125°C
110
130
dB
Large Signal Voltage Gain
1
AVO
RL = 10 k
Ω, V
O = +0.3 V to +2.4 V
110
140
dB
–40
°C ≤ T
A
≤ +125°C
105
130
dB
Offset Voltage Drift
∆V
OS/
∆T
–40
°C ≤ T
A
≤ +125°C
0.005 0.04
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 100 k
Ω to GND
2.685
2.697
V
–40
°C to +125°C
2.685
2.696
V
RL = 10 k
Ω to GND
2.67
2.68
V
–40
°C to +125°C
2.67
2.675
V
Output Voltage Low
VOL
RL = 100 k
Ω to V+
1
10
mV
–40
°C to +125°C2
10
mV
RL = 10 k
Ω to V+
10
20
mV
–40
°C to +125°C15
20
mV
Short Circuit Limit
ISC
±10
±15
mA
–40
°C to +125°C
±10
mA
Output Current
IO
±10
mA
–40
°C to +125°C
±5mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = +2.7 V to +5.5 V
120
130
dB
–40
°C ≤ T
A ≤ +125°C
115
130
dB
Supply Current/Amplifier
ISY
VO = 0 V
750
900
µA
–40
°C ≤ T
A ≤ +125°C
950
1,000
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 k
Ω
0.5
V/
µs
Overload Recovery Time
0.05
ms
Gain Bandwidth Product
GBP
1
MHz
NOISE PERFORMANCE
Voltage Noise
en p-p
0 Hz to 10 Hz
1.6
µV p-p
Voltage Noise Density
en
f = 1 kHz
75
nV/
√Hz
Current Noise Density
in
f = 10 Hz
2
fA/
√Hz
NOTE
1Gain testing is highly dependent upon test bandwidth.
Specifications subject to change without notice.
(VS = +2.7 V, VCM = +1.35 V, VO = +1.35 V, TA = +25 C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com