Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8592 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8592
Description  CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8592 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8592 Datasheet HTML 7Page - Analog Devices AD8592 Datasheet HTML 8Page - Analog Devices AD8592 Datasheet HTML 9Page - Analog Devices AD8592 Datasheet HTML 10Page - Analog Devices AD8592 Datasheet HTML 11Page - Analog Devices AD8592 Datasheet HTML 12Page - Analog Devices AD8592 Datasheet HTML 13Page - Analog Devices AD8592 Datasheet HTML 14Page - Analog Devices AD8592 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AD8591/AD8592/AD8594
–13–
REV. A
Listing 1: AD859x SPICE Macro-Model
* AD8592 SPICE Macro-Model Typical Values
* 9/98, Ver. 1
* TAM / ADSC
*
* Copyright 1998 by Analog Devices
*
* Refer to “README.DOC” file for License
* Statement.
Use of this
* model indicates your acceptance of the
* terms and provisions in
* the License Statement.
*
* Node Assignments
*
noninverting input
*
|
inverting input
*
|
|
positive supply
*
|
|
|
negative supply
*
|
|
|
|
output
*
|
|
|
|
|
shutdown
*
|
|
|
||
|
.SUBCKT AD8592
1
2
99
50
45
80
*
* INPUT STAGE
*
M1
4
1 3 3 PIX L=0.8E-6 W=125E-6
M2
6
7 3 3 PIX L=0.8E-6 W=125E-6
RC1
4 50 4E3
RC2
6 50 4E3
C1
4
6 2E-12
I1
99
8 100E-6
M3
10
1 12 12 NIX L=0.8E-6 W=125E-6
M4
11
7 12 12 NIX L=0.8E-6 W=125E-6
RC3 10 99 4E3
RC4 11 99 4E3
C2
10 11 2E-12
I2
13 50 100E-6
EOS
7
2 POLY(3) (21,98) (73,98) (61,0)
+1E-3 1 1 1
IOS
1
2 2.5E-12
V1
99
9 0.9
D1
3
9 DX
V2
14 50 0.9
D2
14 12 DX
S1
3
8 (82,98) SOPEN
S2
99
8 (98,82) SCLOSE
S3
12 13 (82,98) SOPEN
S4
13 50 (98,82) SCLOSE
*
* CMRR=64dB, ZERO AT 20kHz
*
ECM1 20 98 POLY(2) (1,98) (2,98) 0 .5 .5
RCM1 20 21 79.6E3
CCM1 20 21 100E-12
RCM2 21 98 50
*
* PSRR=80dB, ZERO AT 200Hz
*
RPS1 70
0 1E6
RPS2 71
0 1E6
CPS1 99 70 1E-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com