Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8592ARM Datasheet(PDF) 15 Page - Analog Devices

Part # AD8592ARM
Description  CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8592ARM Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8592ARM Datasheet HTML 7Page - Analog Devices AD8592ARM Datasheet HTML 8Page - Analog Devices AD8592ARM Datasheet HTML 9Page - Analog Devices AD8592ARM Datasheet HTML 10Page - Analog Devices AD8592ARM Datasheet HTML 11Page - Analog Devices AD8592ARM Datasheet HTML 12Page - Analog Devices AD8592ARM Datasheet HTML 13Page - Analog Devices AD8592ARM Datasheet HTML 14Page - Analog Devices AD8592ARM Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
AD8591/AD8592/AD8594
–15–
REV. A
0.199 (5.05)
0.187 (4.75)
1
10
6
5
PIN 1
0.0197 (0.50) BSC
0.124 (3.15)
0.112 (2.84)
0.124 (3.15)
0.112 (2.84)
0.122 (3.10)
0.110 (2.79)
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.016 (0.41)
0.006 (0.15)
0.038 (0.97)
0.030 (0.76)
0.043 (1.09)
0.037 (0.94)
0.011 (0.28)
0.003 (0.08)
0.022 (0.56)
0.021 (0.53)
0.120 (3.05)
0.112 (2.84)
6
0
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
6-Lead SOT
(RT-6)
0.122 (3.10)
0.106 (2.70)
PIN 1
0.118 (3.00)
0.098 (2.50)
0.075 (1.90)
BSC
0.037 (0.95) BSC
1
3
4
5
6
2
0.071 (1.80)
0.059 (1.50)
0.009 (0.23)
0.003 (0.08)
0.022 (0.55)
0.014 (0.35)
10
0
0.020 (0.50)
0.010 (0.25)
0.059 (0.15)
0.000 (0.00)
0.051 (1.30)
0.035 (0.90)
SEATING
PLANE
0.057 (1.45)
0.035 (0.90)
16-Lead Thin Shrink Small Outline
(RU-16)
16
9
8
1
0.201 (5.10)
0.193 (4.90)
PIN 1
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0256
(0.65)
BSC
0.0433
(1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8
0
10-Lead
SOIC
(RM-10)
16-Lead Narrow Body SO
(R-16A)
16
9
8
1
0.3937 (10.00)
0.3859 (9.80)
0.2440 (6.20)
0.2284 (5.80)
0.1574 (4.00)
0.1497 (3.80)
PIN 1
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0688 (1.75)
0.0532 (1.35)
0.0500
(1.27)
BSC
0.0099 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8°
0°
0.0196 (0.50)
0.0099 (0.25)
x 45°
–15–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com