Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8605 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8605
Description  Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8605 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8605 Datasheet HTML 9Page - Analog Devices AD8605 Datasheet HTML 10Page - Analog Devices AD8605 Datasheet HTML 11Page - Analog Devices AD8605 Datasheet HTML 12Page - Analog Devices AD8605 Datasheet HTML 13Page - Analog Devices AD8605 Datasheet HTML 14Page - Analog Devices AD8605 Datasheet HTML 15Page - Analog Devices AD8605 Datasheet HTML 16Page - Analog Devices AD8605 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD8605/AD8606/AD8608
Rev. D | Page 13 of 20
APPLICATION INFORMATION
OUTPUT PHASE REVERSAL
Phase reversal is defined as a change in polarity at the output of
the amplifier when a voltage that exceeds the maximum input
common-mode voltage drives the input.
Phase reversal can cause permanent damage to the amplifier; it
may also cause system lockups in feedback loops. The AD8605
does not exhibit phase reversal even for inputs exceeding the
supply voltage by more than 2 V.
TIME (4
µs/DIV)
VOUT
VIN
VS = ±2.5V
VIN = 5V p-p
AV = 1
RL = 10kΩ
Figure 43. No Phase Reversal
MAXIMUM POWER DISSIPATION
Power dissipated in an IC causes the die temperature to
increase. This can affect the behavior of the IC and the
application circuit performance.
The absolute maximum junction temperature of the AD8605/
AD8606/AD8608 is 150°C. Exceeding this temperature could
cause damage or destruction of the device. The maximum
power dissipation of the amplifier is calculated according to
the following formula:
JA
A
J
DISS
T
T
P
θ
−
=
where:
TJ = junction temperature
TA = ambient temperature
θJA = junction to-ambient-thermal resistance
Figure 44 compares the maximum power dissipation with
temperature for the various AD8605 family packages.
TEMPERATURE (°C)
1.0
0.8
0
0
100
20
40
60
80
0.6
0.4
0.2
SOIC-14
2.0
1.8
1.6
1.4
1.2
SOIC-8
SOT-23
MSOP
TSSOP
Figure 44. Maximum Power Dissipation vs. Temperature
INPUT OVERVOLTAGE PROTECTION
The AD8605 has internal protective circuitry. However, if the
voltage applied at either input exceeds the supplies by more
than 2.5 V, external resistors should be placed in series with the
inputs. The resistor values can be determined by the formula
(
)
() mA
R
V
V
S
S
IN
5
200
≤
Ω
+
−
The remarkable low input offset current of the AD8605 (<1 pA)
allows the use of larger value resistors. With a 10 kΩ resistor at
the input, the output voltage has less than 10 nV of error
voltage. A 10 kΩ resistor has less than 13 nV/√Hz of thermal
noise at room temperature.
THD + NOISE
Total harmonic distortion is the ratio of the input signal in V
rms to the total harmonics in V rms throughout the spectrum.
Harmonic distortion adds errors to precision measurements
and adds unpleasant sonic artifacts to audio systems.
The AD8605 has a low total harmonic distortion. Figure 45
shows that the AD8605 has less than 0.005% or −86 dB of THD
+ N over the entire audio frequency range. The AD8605 is
configured in positive unity gain, which is the worst case, and
with a load of 10 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com