Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8610 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8610
Description  Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8610 Datasheet(HTML) 2 Page - Analog Devices

  AD8610 Datasheet HTML 1Page - Analog Devices AD8610 Datasheet HTML 2Page - Analog Devices AD8610 Datasheet HTML 3Page - Analog Devices AD8610 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRELIMINARY TECHNICAL DATA
AD8610
—2—
REV. Pr0 9/27/01
ELECTRICALCHARACTERISTICS (@ V
S= ±5.0V, VCM = 0V, T A=+25°C unless noted
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage AD8610B
VOS
100
µV
-40°C < TA < +125°C
200
µV
Offset Voltage AD8610A
VOS
250
µV
+25C°< TA < +125°C
350
µV
-40°C < TA < +125°C
850
µV
Input Bias Current
IB
-10
10
pA
-40°C < TA < +85°C
-250
250
pA
-40°C < TA < +125°C
-2.5
2.5
nA
Input Offset Current
IOS
-10
10
pA
-40°C < TA < +85°C
-75
75
pA
-40°C < TA < +125°C
-150
150
pA
Input Voltage Range
-2
3
V
Common-Mode Rejection Ratio
CMRR
VCM = -1.5V to 2.5V
90
95
dB
Large Signal Voltage Gain
AVO
RL = 1 kΩ , Vo= -3V to 3V
100
200
V/mV
Offset Voltage Drift AD8610B
∆V
OS/∆T
-40°C < TA < +125°C
0.3
1
µV/°C
Offset Voltage Drift AD8610A
∆V
OS/∆T
-40°C < TA < +125°C
0.3
3.5
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 1 kΩ, -40°C < TA < +125°C
3.8
V
Output Voltage Low
VOL
RL = 1 kΩ, -40°C < TA < +125°C
-3.8
V
Output Current
IOUT
VDropout < 1.2V
±15
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±5 V to ±13 V
100
110
dB
Supply Current/Amplifier
ISY
VO = 0V
3000
µA
-40°C <TA < +125°C
3500
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL =2 kΩ
40
50
V/
µs
Gain Bandwidth Product
GBP
25
MHz
Settling time
tS
AV=+1, 4V step, to 0.01%
350
ns
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
1.2
µV p-p
Voltage Noise Density
en
f = 1 kHz
6
nV/
√Hz
Current Noise Density
in
f = 1 kHz
5
fA/
√Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com