Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3P Datasheet(PDF) 4 Page - PowerDynamics, Inc

Part # PE3P
Description  3 PHASE, 3 WIRE, CHASSIS MOUNT EMI/RFI LINE FILTER.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PE3P Datasheet(HTML) 4 Page - PowerDynamics, Inc

  PE3P Datasheet HTML 1Page - PowerDynamics, Inc PE3P Datasheet HTML 2Page - PowerDynamics, Inc PE3P Datasheet HTML 3Page - PowerDynamics, Inc PE3P Datasheet HTML 4Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Non-Medical Applications
Insertion loss in dB (50 Ohm circuit)
PDI
R
Cx1 Cx2
Cy
L1
L2
Comm. Mode (L-G) in MHz
Diff. Mode (L-L) in MHz
P/N
(Ohms)
(uF) (pF)
(pF) (uH x 2) (uH x 2) .15
.5
1
5
10 30
.15 0.5 1
5
10
30
PE3P10PS-5-C6
5.0
10.0
36
42 53
58
62 32
56
63 65
53 45
31
PE3P20PS-5-C6
2.0
3.5
32
38 43
51
54 31
59
65 68
54 39
28
PE3P30PS-5-C6
430K
3.3
2.2 3300
1.0
2.5
38
43 46
52
51 28
48
57 53
56 42
34
PE3P40PS-5-C6
0.5
1.1
35
46 49
53
47 25
45
56 51
53 47
25
PE3P50PS-5-C6
0.5
0.9
29
37 42
51
52 23
37
42 53
51 42
27
SCHEMATIC 5; CASE C6
PE3P Series
TECHNICAL DATA
• Rated Voltage: 500VAC
• Rated Current: 10A, 20A, 30A, 40A, 50A
• Power Line Frequency: 50/60Hz
• Max. Leakage Current each
Line to Ground:
@ 500VAC, 60Hz: 2.0mA
• Hipot Rating (one minute)
Line to Ground: 2250VDC
Line to Line: 1450VDC
• Temperature Range: -25C to +50C
L2
L2
C 2
C 2
C 2
Cy
Cy
Cy
L'1
L'2
L'3
C1
R
C1
R
C1
R
L1
L2
L3
E
L1
L1
L1
Current
Rating (A)
10
20
30
40
50
52
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com
G3
CASE
143
G2
G4
A
B
C
D
E
F
G
(H)
I
J
K
2x
6x10
L
2x
5
M
N
O
P
122112 84 100 77 54 34 23 23
90.6 4.4 5.0
201180 170126184140 65 35 46 46
2.8
10x14
2x
2x 10
5
2.8
166 6.410.0
210 8.715.0
2x 12
10x16
2x
70
70
50
80
180
240
159
200
212
237
DIMENSIONS
Dimensional Table



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com