Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEM Datasheet(PDF) 4 Page - PowerDynamics, Inc

Part # PEM
Description  CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PEM Datasheet(HTML) 4 Page - PowerDynamics, Inc

  PEM Datasheet HTML 1Page - PowerDynamics, Inc PEM Datasheet HTML 2Page - PowerDynamics, Inc PEM Datasheet HTML 3Page - PowerDynamics, Inc PEM Datasheet HTML 4Page - PowerDynamics, Inc PEM Datasheet HTML 5Page - PowerDynamics, Inc PEM Datasheet HTML 6Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PEM Series
Medical Applications
Non-Medical Applications
SCHEMATIC 4; CASE C1, C2, C3
Insertion loss in dB (50 Ohm circuit)
Insertion loss in dB (50 Ohm circuit)
SCHEMATIC 4M; CASE C1, C2, C3
PDI
P/N
PEM03Q-4M-DC1
PEM06Q-4M-DC2
PEM10Q-4M-DC2
PEM03Q-4M-DC3
PDI
P/N
PEM03Q-4-DC1
PEM06Q-4-DC2
PEM10Q-4-DC2
PEM03Q-4-DC3
R
Cx 1, 2, 3
Cy
L1
L2
(Ohms)
(uF)
(pF)
(mH x 2) (uH x 2)
1.0
30
330K
0.22
4700
1.7
70
1.2
40
1.0
30
R
Cx 1, 2, 3
L1
L2
(Ohms)
(uF)
(mH x 2)
(uH x 2)
1.0
30
330K
0.22
1.7
70
1.2
40
1.0
30
Comm.Mode(L-G) MHz
Diff. mode(L-L) MHz
.15 .5 1
5 10 30 .15 .5 1
5 10 30
8
69 92 6654 31 27 45 54 8161 49
38 62 74 67 58 58 13 72 106 74 61 36
34 61 71 66 58 48
4 51 86 77 64 37
26 45 54 78 60 50
8 69 92 66 54 31
PDI
P/N
PEM03Q-4-DC1
PEM06Q-4-DC2
PEM10Q-4-DC2
PEM03Q-4-DC3
PDI
P/N
PEM03Q-4M-DC1
PEM06Q-4M-DC2
PEM10Q-4M-DC2
PEM03Q-4M-DC3
Comm.Mode(L-G) MHz
Diff. mode(L-L) MHz
.15 .5 1
5 10 30 .15 .5 1
5 10 30
23 28 30 31 29 24
5 60 93 71 60 34
25 29 30 31 30 25 21 74 99 75 63 38
25 32 33 32 29 23 15 63 89 74 62 33
23 28 36 33 30 24
7 61 88 75 68 34
SCHEMATIC 5; CASE C1, C3
Component Table
Medical Applications
Component Table
Non-Medical Applications
SCHEMATIC 5M; CASE C1, C3
PDI
P/N
PEM03Q-5-DC1
PEM20Q-5-DC3
R
Cx 1, 2, 3
Cy
L1
L2
(Ohms)
(uF)
(pF) (mH x 2) (uH x 2)
330K
0.22
4700
1.0
30
330K
0.22
4700
1.0
30
PDI
P/N
PEM03Q-5M-DC1
PEM20Q-5M-DC3
R
Cx 1, 2, 3
L1
L2
(Ohms)
(uF)
(mH x 2)
(uH x 2)
330K
0.22
1.0
30
330K
0.22
1.0
30
C2
G
L mH
L mH
L
N
L
R
Cy
Cy
C1
L uH
L uH
L2
1
C3
L'
N'
Cy 2
Cy 2
C2
G
L mH
L mH
L
N
L
R
L'
N'
Cy
Cy
C1
L uH
L uH
L
C3
2
1
G
L mH
L mH
L
N
L
L'
N'
C1
L uH
L uH
L
C3
2
1
C2
R
G
L mH
L mH
L
N
L
C1
L uH
L uH
L2
1
C3
L'
N'
C2
R
Medical Applications
Insertion loss in dB (50 Ohm circuit)
Non-Medical Applications
Insertion loss in dB (50 Ohm circuit)
Comm.Mode(L-G) MHz
Diff. mode(L-L) MHz
.15 .5 1
5 10 30 .15 .5 1
5 10 30
27 50 64 69 61 43
9 70 95 65 50 25
27 50 64 69 61 43
9 70 100 68 53 24
PDI
P/N
PEM03Q-5-DC1
PEM20Q-5-DC3
Comm.Mode(L-G) MHz
Diff. mode(L-L) MHz
.15 .5 1
5 10 30 .15 .5 1
5 10 30
22 28 30 31 30 25
5 59 103 75 62 37
22 28 30 31 31 24
6 59 98 75 64 38
PDI
P/N
PEM03Q-5M-DC1
PEM20Q-5M-DC3
Component Table
Medical Applications
Component Table
Non-Medical Applications
Replace “Q” with PS for screw terminals
Replace “Q” with PS for screw terminals
Current
Rating (A)
3
6
10
3
Current
Rating (A)
3
6
10
3
Current
Rating (A)
3
20
Current
Rating (A)
3
20
42
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com