Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMA Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PEMA
Description  CHASSIS MOUNT, MULTI-STAGE EMI/RFI APPLIANCE FILTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PEMA Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PEMA Datasheet HTML 1Page - PowerDynamics, Inc PEMA Datasheet HTML 2Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice. Dimensions (mm).
CHASSIS MOUNT, MULTI-STAGE EMI/RFI APPLIANCE FILTER
PEMA Series
FEATURES
The PEMA series offers high performance EMI filters. This
series offers multiple stages of filtration over a frequency
range of 10KHz to 30MHz. It is best suited for suppression
of noise and transients entering system from Line. The series
also offers filters that offer exceptional performance in the
systems where the Load impedance is low.
APPLICATIONS
Major Appliances, Measuring & control equipment,
Switching power supplies.
TECHNICAL DATA
Rated Voltage: 115/250VAC
Rated Current: 4A, 5A, 6A, 8A, 10A, 15A
Power Line Frequency: 50/60Hz
Max. Leakage Current each
Line to Ground:
@ 115VAC 60Hz: 0.5mA
@ 250VAC 50Hz: 1.0mA
Hipot Rating (one minute)
Line to Ground: 2250VDC
Line to Line: 1450VDC
Temperature Range: -25C to +85C
(Unit: mm)
MECHANICAL DIMENSIONS
C2
C4
C9
52.8
38.6
19.0
49.0
40.0
69.8
25.0
50.6
30.0
50.0
2x 4.8
84.4
74.7
65.5
L
N
L'
N'
28.6
G
133.5
144.0
152.0
162.9
2x 5.0
L
N
L'
N'
G
G
90.0
99.5
109.0
119.4
L
N
L'
N'
47
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - PEMA

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PEM POWERDYNAMICS-PEM Datasheet
215Kb / 6P
CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
logo
VIGO Photonics S.A.
PEM VIGO-PEM Datasheet
737Kb / 2P
2.0 – 12.0 μm HgCdTe ambient temperature photoelectromagnetic detectors
09/11/2020
PEM-10.6 VIGO-PEM-10.6 Datasheet
737Kb / 2P
2.0 – 12.0 μm HgCdTe ambient temperature photoelectromagnetic detectors
09/11/2020
logo
Pasternack Enterprises,...
PEM001 PASTERNACK-PEM001 Datasheet
377Kb / 18P
60 GHz Transmitter Tx Waveguide Module
PEM001-MIM PASTERNACK-PEM001-MIM Datasheet
359Kb / 18P
60 GHz Transmitter (Tx) Waveguide Module
More results

Similar Description - PEMA

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PC05Q-1 POWERDYNAMICS-PC05Q-1 Datasheet
423Kb / 2P
CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PCSP POWERDYNAMICS-PCSP Datasheet
399Kb / 2P
CHASSIS MOUNT EMI/RFI LINE FILTER
PD05PS-1 POWERDYNAMICS-PD05PS-1 Datasheet
993Kb / 2P
CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PE05Q-1 POWERDYNAMICS-PE05Q-1 Datasheet
403Kb / 2P
CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER
PEA POWERDYNAMICS-PEA Datasheet
155Kb / 3P
CHASSIS MOUNT, HIGH PERFORMANCE, SINGLE STAGE EMI/RFI LINE FILTER.
PEM POWERDYNAMICS-PEM Datasheet
215Kb / 6P
CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
PF01PC POWERDYNAMICS-PF01PC Datasheet
213Kb / 2P
PC BOARD MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PG01S POWERDYNAMICS-PG01S Datasheet
226Kb / 2P
ECONOMICAL, CHASSIS MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PK01Q-50-1C POWERDYNAMICS-PK01Q-50-1C Datasheet
472Kb / 3P
CHASSIS MOUNT, HIGH PERFORMANCE, MULTIPURPOSE, SINGLE STAGE EMI/RFI LINE FILTER.
logo
Schaffner International...
FN-352-Z SCHAFFNER-FN-352-Z Datasheet
291Kb / 4P
Multi-stage EMI Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com