Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PF01PC Datasheet(PDF) 2 Page - PowerDynamics, Inc

Part # PF01PC
Description  PC BOARD MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PF01PC Datasheet(HTML) 2 Page - PowerDynamics, Inc

  PF01PC Datasheet HTML 1Page - PowerDynamics, Inc PF01PC Datasheet HTML 2Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CURRENT RATING (A):
TERMINAL:
= PC
PC MOUNT
PF Series Example & Ordering Code
01 PC
= 01
= 03
= 05
= 06
= 10
PF
Non-Medical Applications
SCHEMATIC
PF Series Attenuation Table
Insertion loss in dB (50 Ohm circuit)
0.1 F
Cx
L mH
L mH
Cy
3300pF
x2
L'
G'
N'
L
N
Current
Rating
1A
3A
6A
10A
Inductance
in mH
3.7
1.8
0.7
0.3
Comm.Mode(L-G) MHz
Diff. mode(L-L) MHz
.15 .5 1 5 10 30 .15 .5 1 5 10 30
26 39 43 44 50 26
8 19 27 44 45 22
20 32 36 35 26 18
7 17 23 37 38 18
12 20 25 38 44 39
6 16 21 45 46 37
6 15 21 34 41 35
4 13 20 43 46 35
24
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com