Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8606ARM Datasheet(PDF) 12 Page - Analog Devices

Part # AD8606ARM
Description  Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8606ARM Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8606ARM Datasheet HTML 8Page - Analog Devices AD8606ARM Datasheet HTML 9Page - Analog Devices AD8606ARM Datasheet HTML 10Page - Analog Devices AD8606ARM Datasheet HTML 11Page - Analog Devices AD8606ARM Datasheet HTML 12Page - Analog Devices AD8606ARM Datasheet HTML 13Page - Analog Devices AD8606ARM Datasheet HTML 14Page - Analog Devices AD8606ARM Datasheet HTML 15Page - Analog Devices AD8606ARM Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8605/AD8606/AD8608
Rev. D | Page 12 of 20
FREQUENCY (Hz)
3.0
2.5
0
1k
10M
10k
100k
1M
2.0
1.5
0.5
1.0
VS = 2.7V
VIN = 2.6V p-p
TA = 25°C
RL = 2kΩ
AV = 1
Figure 37. Closed-Loop Output Voltage Swing vs. Frequency
FREQUENCY (Hz)
100
90
0
1k
100M
10k
100k
1M
10M
80
70
20
60
50
30
10
40
AV = 100
AV = 10
AV = 1
VS = ±1.35V
Figure 38. Output Impedance vs. Frequency
CAPACITANCE (pF)
60
50
0
10
1k
100
30
20
10
40
–OS
+OS
VS = 2.7V
TA = 25°C
AV = 1
Figure 39. Small Signal Overshoot vs. Load Capacitance
TIME (1s/DIV)
VS = 2.7V
Figure 40. 0.1 Hz to 10 Hz Input Voltage Noise
TIME (200ns/DIV)
VS = 1.35V
RL = 10kΩ
CL = 200pF
AV = 1
Figure 41. Small Signal Transient Response
TIME (400ns/DIV)
VS = 1.35V
RL = 10kΩ
CL = 200pF
AV = 1
Figure 42. Large Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com