Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8671 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8671
Description  Precision Very Low Noise Low Input Bias Current Operational Amplifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8671 Datasheet(HTML) 2 Page - Analog Devices

  AD8671 Datasheet HTML 1Page - Analog Devices AD8671 Datasheet HTML 2Page - Analog Devices AD8671 Datasheet HTML 3Page - Analog Devices AD8671 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRELIMINARY TECHNICAL DATA
Preliminary Technical Data
AD8671/AD8672/AD8674
AD8671/AD8672/AD8674
Rev0.2 2/21/02
ELECTRICALCHARACTERISTICS (@ V
S= ±5.0V, VCM = 0V, T A=+25°C unless noted
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
75
µV
-40°< TA < +125°C
175
µV
Input Bias Current
IB
-10
10
nA
Input Offset Current
IOS
-10
10
nA
Input Voltage Range
-2.5
2.5
V
Common-Mode Rejection Ratio
CMRR
VCM = -2V to 2V
100
130
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ , Vo= -3V to 3V
1000
6000
V/mV
Offset Voltage Drift
∆V
OS/∆T
-40°< TA < +125°C
0.3
1
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1 mA, -40°C to +125°C
3
3.8
V
Output Voltage Low
VOL
IL = 1 mA, -40°C to +125°C
-3.9
-3
V
Output Current
IOUT
±10
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±2.5 V to ±15 V
110
130
dB
Supply Current/Amplifier
ISY
VO = 0V
3000
3500
µA
-40°<TA < +125°C
4000
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL =2 kΩ
4
V/
µs
Gain Bandwidth Product
GBP
10
MHz
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
0.08
µV p-p
Voltage Noise Density
en
f = 1 kHz
3
nV/
√Hz
Current Noise Density
in
f = 1 kHz
0.2
pA/
√Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com