Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD871 Datasheet(PDF) 4 Page - Analog Devices

Part # AD871
Description  Complete 12-Bit 5 MSPS Monolithic A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD871 Datasheet(HTML) 4 Page - Analog Devices

  AD871 Datasheet HTML 1Page - Analog Devices AD871 Datasheet HTML 2Page - Analog Devices AD871 Datasheet HTML 3Page - Analog Devices AD871 Datasheet HTML 4Page - Analog Devices AD871 Datasheet HTML 5Page - Analog Devices AD871 Datasheet HTML 6Page - Analog Devices AD871 Datasheet HTML 7Page - Analog Devices AD871 Datasheet HTML 8Page - Analog Devices AD871 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD871
REV. A
–4–
SWITCHING SPECIFICATIONS
(TMIN to TMAX with AVDD = +5 V, DVDD = +5 V, DRVDD = +5 V, AVSS = –5 V; VIL = 0.8 V,
VIH = 2.0 V, VOL = 0.4 V and VOH = 2.4 V)
Parameter
Symbol
J, S Grades
Units
Clock Period
l
tC
200
ns min
CLOCK Pulsewidth High
tCH
95
ns min
CLOCK Pulsewidth Low
tCL
95
ns min
Clock Duty Cycle
2
40
% min (50% typ)
60
% max
Output Delay
tOD
10
ns min (20 ns typ)
Pipeline Delay (Latency)
3
Clock Cycles
Data Access Time (LCC Package Only)
3
tDD
50
ns typ (100 pF Load)
Output Float Delay (LCC Package Only)
3
tHL
50
ns typ (10 pF Load)
NOTES
1Conversion rate is operational down to 10 kHz without degradation in specified performance.
2For clock periods of 200 ns or greater, see Clock Input section.
3See section on Three-State Outputs for timing diagrams and application information.
Specifications subject to change without notice.
N+1
N
tCH
tCL
tOD
DATA
N
DATA
N+1
CLOCK
BIT 2–12
MSB, OTR
N
N+1
VIN
tC
Figure 1. Timing Diagram
ABSOLUTE MAXIMUM RATINGS
1
Parameter
With Respect to
Min
Max
Units
AVDD
AGND
–0.5
+6.5
Volts
AVSS
AGND
–6.5
+0.5
Volts
DVDD, DRVDD
DGND, DRGND
–0.5
+6.5
Volts
DRVDD
2
DVDD
–6.5
+6.5
Volts
DRGND
2
DGND
–0.3
+0.3
Volts
AGND
DGND
–1.0
+1.0
Volts
AVDD
DVDD
–6.5
+6.5
Volts
Clock Input, OEN
DGND
–0.5
DVDD + 0.5
Volts
Digital Outputs
DGND
–0.5
DVDD + 0.3
Volts
VINA, VINB REF IN
AGND
–6.5
+6.5
Volts
REF IN
AGND
AVSS
AVDD
Volts
Junction Temperature
+150
°C
Storage Temperature
–65
+150
°C
Lead Temperature (10 sec)
+300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum
ratings for extended periods may affect device reliability.
2LCC Package Only.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD871 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com