Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD871JD Datasheet(PDF) 2 Page - Analog Devices

Part # AD871JD
Description  Complete 12-Bit 5 MSPS Monolithic A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD871JD Datasheet(HTML) 2 Page - Analog Devices

  AD871JD Datasheet HTML 1Page - Analog Devices AD871JD Datasheet HTML 2Page - Analog Devices AD871JD Datasheet HTML 3Page - Analog Devices AD871JD Datasheet HTML 4Page - Analog Devices AD871JD Datasheet HTML 5Page - Analog Devices AD871JD Datasheet HTML 6Page - Analog Devices AD871JD Datasheet HTML 7Page - Analog Devices AD871JD Datasheet HTML 8Page - Analog Devices AD871JD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD871
REV. A
–2–
DC SPECIFICATIONS
Parameter
J Grade
1
S Grade
l
Units
RESOLUTION
12
12
Bits min
MAX CONVERSION RATE
5
5
MHz min
INPUT REFERRED NOISE
0.17
0.17
LSB rms typ
ACCURACY
Integral Nonlinearity (INL)
±1.5
±1.5
LSB typ
Differential Nonlinearity (DNL)
±0.5
±0.5
LSB typ
No Missing Codes
12
12
Bits Guaranteed
Zero Error (@ +25
°C)2
±0.75
±0.75
% FSR max
Gain Error (@ +25
°C)2
±1.25
±1.25
% FSR max
TEMPERATURE DRIFT
3
Zero Error
±0.15
±0.3
% FSR max
Gain Error
3, 4
±0.80
±1.75
% FSR max
Gain Error
3, 5
±0.25
±0.50
% FSR max
POWER SUPPLY REJECTION
6
AVDD, DVDD (+5 V
± 0.25 V)
±0.125
±0.125
% FSR max
AVSS (–5 V ± 0.25 V)
±0.125
±0.125
% FSR max
ANALOG INPUT
Input Range
±1
±1
Volts max
Input Resistance
50
50
k
Ω typ
Input Capacitance
10
10
pF typ
INTERNAL VOLTAGE REFERENCE
Output Voltage
2.5
2.5
Volts typ
Output Voltage Tolerance
±20
±40
mV max
Output Current (Available for External Loads)
2.0
2.0
mA typ
(External load should not change during conversion.)
REFERENCE INPUT RESISTANCE
5
5
k
Ω typ
POWER SUPPLIES
Supply Voltages
AVDD
+5
+5
V (
±5% AV
DD Operating)
AVSS
–5
–5
V (
±5% AV
SS Operating)
DVDD
+5
+5
V (
±5% DV
DD Operating)
DRVDD
7
+5
+5
V (
±5% DRV
DD Operating)
Supply Current
IAVDD
87
88
mA max (82 mA typ)
IAVSS
147
150
mA max (115 mA typ)
IDVDD
20
21
mA max (7 mA typ)
IDRVDD
7
2
2
mA max
POWER CONSUMPTION
1.03
1.03
W typ
1.25
1.3
W max
NOTES
1Temperature ranges are as follows: J Grade: 0
°C to +70°C, S Grade: –55°C to +125°C.
2Adjustable to zero with external potentiometers (see Zero and Gain Error Calibration section).
3+25
°C to T
MIN and +25°C to TMAX.
4Includes internal voltage reference error.
5Excludes internal reference drift.
6Change in Gain Error as a function of the dc supply voltage (V
NOMINAL to VMIN, VNOMINAL to VMAX).
7LCC package only.
Specifications subject to change without notice.
(TMIN to TMAX with AVDD = +5 V, DVDD = +5 V, DRVDD = +5 V, AVSS = –5 V, fSAMPLE = 5 MHz, unless otherwise
noted)
AD871–SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com