Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD871SD Datasheet(PDF) 3 Page - Analog Devices

Part # AD871SD
Description  Complete 12-Bit 5 MSPS Monolithic A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD871SD Datasheet(HTML) 3 Page - Analog Devices

  AD871SD Datasheet HTML 1Page - Analog Devices AD871SD Datasheet HTML 2Page - Analog Devices AD871SD Datasheet HTML 3Page - Analog Devices AD871SD Datasheet HTML 4Page - Analog Devices AD871SD Datasheet HTML 5Page - Analog Devices AD871SD Datasheet HTML 6Page - Analog Devices AD871SD Datasheet HTML 7Page - Analog Devices AD871SD Datasheet HTML 8Page - Analog Devices AD871SD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD871
REV. A
–3–
AC SPECIFICATIONS
(TMIN to TMAX with AVDD = +5 V, DVDD = +5 V, DRVDD = +5 V, AVSS = –5 V, fSAMPLE = 5 MSPS, unless otherwise
noted)1
Parameter
Symbol
J, S Grades
Units
LOGIC INPUTS
High Level Input Voltage
VIH
+2.0
V min
Low Level Input Voltage
VIL
+0.8
V max
High Level Input Current (VIN = DVDD)IIH
±115
µA max
Low Level Input Current (VIN = 0 V)
IIL
±115
µA max
Input Capacitance
CIN
5
pF typ
LOGIC OUTPUTS
High Level Output Voltage (IOH = 0.5 mA)
VOH
+2.4
V min
Low Level Output Voltage (IOL = 1.6 mA)
VOL
+0.4
V max
Output Capacitance
COUT
5
pF typ
Leakage (Three-State, LCC Only)
IZ
±10
µA max
Specifications subject to change without notice.
J Grade
S Grade
Units
SIGNAL-TO-NOISE AND DISTORTION RATIO (S/N+D)
fINPUT = 750 kHz
68
68
dB typ
fINPUT = 1 MHz
66
66
dB typ
63
62
dB min
fINPUT = 2.49 MHz
60
60
dB typ
TOTAL HARMONIC DISTORTION (THD)
fINPUT = 750 kHz
–72
–72
dB typ
fINPUT = 1 MHz
–69
–69
dB typ
–64
–63
dB max
fINPUT = 2.49 MHz
–62
–62
dB typ
SPURIOUS FREE DYNAMIC RANGE (SFDR)
fINPUT = 750 kHz
73
73
dB typ
fINPUT = 1 MHz
70
70
dB typ
fINPUT = 2.49 MHz
62
62
dB typ
INTERMODULATION DISTORTION (IMD)
2
Second Order Products
–80
–80
dB typ
Third Order Products
–73
–73
dB typ
FULL POWER BANDWIDTH
15
15
MHz typ
SMALL SIGNAL BANDWIDTH
15
15
MHz typ
APERTURE DELAY
6
6
ns typ
APERTURE JITTER
16
16
ps rms typ
ACQUISITION TO FULL-SCALE STEP
80
80
ns typ
OVERVOLTAGE RECOVERY TIME
80
80
ns typ
NOTES
1f
IN amplitude = –0.5 dB full scale unless otherwise indicated. All measurements referred to a 0 dB (1 V pk) input signal unless otherwise indicated.
2fa = 1.0 MHz, fb = 0.95 MHz with f
SAMPLE = 5 MHz.
Specifications subject to change without notice.
DIGITAL SPECIFICATIONS (TMIN to TMAX with AVDD = +5 V, DVDD = +5 V, AVSS = –5 V unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com